Electronic Components Datasheet Search
  English  ▼

X  

ADV7129 Datasheet(PDF) 14 Page - Analog Devices

Part # ADV7129
Description  192-Bit, 360 MHz True-Color Video DAC with Onboard PLL
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7129 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADV7129 Datasheet HTML 10Page - Analog Devices ADV7129 Datasheet HTML 11Page - Analog Devices ADV7129 Datasheet HTML 12Page - Analog Devices ADV7129 Datasheet HTML 13Page - Analog Devices ADV7129 Datasheet HTML 14Page - Analog Devices ADV7129 Datasheet HTML 15Page - Analog Devices ADV7129 Datasheet HTML 16Page - Analog Devices ADV7129 Datasheet HTML 17Page - Analog Devices ADV7129 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADV7129
–14–
REV. 0
Table I. Video Output Truth Table (RSET = 398
, RLOAD = 37.5
)
O/P with Sync
O/P with Sync
DAC
Description
Enabled (mA)
Disabled (mA)
SYNC
BLANK
Input Data
WHITE LEVEL
26.67
19.05
1
1
FFH
VIDEO
Video + 9.05
Video + 1.44
1
1
Data
VIDEO to BLANK
Video + 1.44
Video + 1.44
0
1
Data
BLACK LEVEL
9.05
1.44
1
1
00H
BLACK to BLANK
1.44
1.44
0
1
00H
BLANK LEVEL
7.62
0
1
0
xxH
SYNC
LEVEL
0
0
0
0
xxH
Table II. Video Output Truth Table (RSET = 560
, RLOAD = 25
)
O/P with Sync
O/P with Sync
DAC
Description
Enabled (mA)
Disabled (mA)
SYNC
BLANK
Input Data
WHITE LEVEL
40
28.57
1
1
FFH
VIDEO
Video + 13.6
Video + 2.14
1
1
Data
VIDEO to BLANK
Video + 2.16
Video + 2.14
0
1
Data
BLACK LEVEL
13.6
2.14
1
1
00H
BLACK to BLANK
2.14
2.14
0
1
00H
BLANK LEVEL
11.44
0
1
0
xxH
SYNC
LEVEL
0
0
0
0
xxH
Table III. Video Output Truth Table (RSET = 280
, RLOAD = 25
)
O/P with Sync
DAC
Description
Disabled (mA)
SYNC
BLANK
Input Data
WHITE LEVEL
52.8
0
0
FFH
VIDEO
Video + 0
0
0
Data
VIDEO to BLACK
Video + 0
0
0
Data
BLACK LEVEL
0
0
0
xxH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com