Electronic Components Datasheet Search
  English  ▼

X  

ADV7129 Datasheet(PDF) 7 Page - Analog Devices

Part # ADV7129
Description  192-Bit, 360 MHz True-Color Video DAC with Onboard PLL
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7129 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADV7129 Datasheet HTML 3Page - Analog Devices ADV7129 Datasheet HTML 4Page - Analog Devices ADV7129 Datasheet HTML 5Page - Analog Devices ADV7129 Datasheet HTML 6Page - Analog Devices ADV7129 Datasheet HTML 7Page - Analog Devices ADV7129 Datasheet HTML 8Page - Analog Devices ADV7129 Datasheet HTML 9Page - Analog Devices ADV7129 Datasheet HTML 10Page - Analog Devices ADV7129 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADV7129
–7–
REV. 0
Pin No.
Mnemonic
Pin No.
Mnemonic
Pin No.
Mnemonic
Pin No.
Mnemonic
161
B1A
197
RBIAS
233
GND
269
LOADOUT
162
B0H
198
SENSE/SYNCOUT
234
GND
270
R4B
163
B0G
199
VREF
235
R6H
271
R4A
164
B0F
200
GND
236
R6G
272
R3H
165
B0E
201
D0
237
R6F
273
R3G
166
B0D
202
D1
238
R6E
274
R3F
167
B0C
203
D2
239
R6D
275
R3E
168
B0B
204
D3
240
R6C
276
R3D
169
B0A
205
GND
241
R6B
277
R3C
170
BLANK
206
VAA
242
R6A
278
R3B
171
HSYNC
207
D4
243
R5H
279
R3A
172
VSYNC
208
D5
244
R5G
280
R2H
173
ODD/EVEN
209
D6
245
R5F
281
R2G
174
NC*
210
D7
246
VAA
282
R2F
175
GND
211
CE
247
GND
283
R2E
176
GND
212
R/W
248
VAA
284
R2D
177
IOB
213
C0
249
GND
285
R2C
178
IOB
214
C1
250
R5E
286
R2B
179
RBSET
215
R7H
251
R5D
287
R2A
180
BCOMP
216
R7G
252
R5C
288
R1H
181
VAA
217
R7F
253
R5B
289
R1G
182
VAA
218
R7E
254
R5A
290
R1F
183
BBIAS
219
R7D
255
R4H
291
R1E
184
IOG
220
R7C
256
R4G
292
R1D
185
IOG
221
R7B
257
R4F
293
R1C
186
RGSET
222
R7A
258
R4E
294
R1B
187
GCOMP
223
GND
259
R4D
295
R1A
188
VAA
224
GND
260
R4C
296
R0H
189
VAA
225
GND
261
GND
297
R0G
190
GBIAS
226
GND
262
GND
298
R0F
191
IOR
227
GND
263
VAA
299
GND
192
IOR
228
GND
264
LPF
300
GND
193
RRSET
229
GND
265
GND
301
GND
194
RCOMP
230
GND
266
LOADIN
302
GND
195
VAA
231
GND
267
GND
303
GND
196
VAA
232
GND
268
CSYNC
304
GND
*No Connect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com