Electronic Components Datasheet Search
  English  ▼

X  

ADV7129 Datasheet(PDF) 18 Page - Analog Devices

Part # ADV7129
Description  192-Bit, 360 MHz True-Color Video DAC with Onboard PLL
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7129 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADV7129 Datasheet HTML 12Page - Analog Devices ADV7129 Datasheet HTML 13Page - Analog Devices ADV7129 Datasheet HTML 14Page - Analog Devices ADV7129 Datasheet HTML 15Page - Analog Devices ADV7129 Datasheet HTML 16Page - Analog Devices ADV7129 Datasheet HTML 17Page - Analog Devices ADV7129 Datasheet HTML 18Page - Analog Devices ADV7129 Datasheet HTML 19Page - Analog Devices ADV7129 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
ADV7129
–18–
REV. 0
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
304-Lead Plastic Quad Flatpack
(S-304)
SEATING
PLANE
0.167 (4.23)
NOM
0.150 (3.80) NOM
0.0197
(0.50)
NOM
0.008
(0.20)
NOM
1
229
228
153
304
77
76
TOP VIEW
(PINS DOWN)
PIN 1 IDENTIFIER
152
ROW A
ROW C
ROW B
ROW D
1.579 (40.10)
1.571 (39.90)
1.677 (42.60) NOM
1.579 (40.10)
1.571 (39.90)
1.677
(42.60)
NOM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com