Electronic Components Datasheet Search
  English  ▼

X  

ADV7129 Datasheet(PDF) 17 Page - Analog Devices

Part # ADV7129
Description  192-Bit, 360 MHz True-Color Video DAC with Onboard PLL
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7129 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADV7129 Datasheet HTML 12Page - Analog Devices ADV7129 Datasheet HTML 13Page - Analog Devices ADV7129 Datasheet HTML 14Page - Analog Devices ADV7129 Datasheet HTML 15Page - Analog Devices ADV7129 Datasheet HTML 16Page - Analog Devices ADV7129 Datasheet HTML 17Page - Analog Devices ADV7129 Datasheet HTML 18Page - Analog Devices ADV7129 Datasheet HTML 19Page - Analog Devices ADV7129 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ADV7129
–17–
REV. 0
APPENDIX II
THERMAL AND ENVIRONMENTAL CONSIDERATIONS
The ADV7129 is a very highly integrated monolithic silicon
device. This high level of integration inevitably leads to consid-
eration of thermal and environmental conditions which the
ADV7129 must operate in. Reliability of the device is enhanced
by keeping it as cool as possible. In order to avoid destructive
damage to the device, the absolute maximum junction tempera-
ture must never be exceeded. Certain applications, depending
on ambient temperature and pixel data rates may require forced
air cooling or external heatsinks. The following data is intended as
a guide in evaluating the operating conditions of a particular appli-
cation so that optimum device and system performance is achieved.
It should be noted that information on package characteristics
published herein may not be the most up to date at the time of
reading this. Advances in package compounds and manufacture
will inevitably lead to improvements in the thermal data. Please
contact your local sales office for the most up-to-date information.
Package Characteristics
Junction-to-Case (
θ
JC) Thermal Resistance for this particular
part is:
θ
JC = 8.9°C/W
(Note:
θ
JC is independent of airflow.)
The maximum silicon junction temperature should be limited to
100
°C. Temperatures greater than this will reduce long-term
device reliability. To ensure that the silicon junction tempera-
ture stays within prescribed limits, the addition of an external
heatsink can be used if the junction temperature is brought be-
yond the maximum limit.
Junction-to-Ambient (
θ
JA) Thermal Resistance for this particu-
lar part is:
θ
JA = 25.9
°C/W (Still Air)
θ
JA = will significantly decrease in air flow.
Thermal Model
The junction temperature of the device in a specific application
is given by:
TJ = TA + PD (
θ
JC +
θ
CA)
(1)
or
TJ = TA + PD (
θ
JA)
(2)
where:
TJ = Junction Temperature of Silicon (
°C)
TA = Ambient Temperature (°C)
PD = Power Dissipation (W)
θ
JC =
Junction to Case Thermal Resistance (
°C/W)
θ
CA =
Case to Ambient Thermal Resistance (
°C/W)
θ
JA =
Junction to Ambient Thermal Resistance (
°C/W)
SPEED – MHz
160
200
240
280
320
360
550
500
475
450
425
525
VAA = +5V
Figure 13. Supply Current vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com