Electronic Components Datasheet Search
  English  ▼

X  

ADV7129 Datasheet(PDF) 11 Page - Analog Devices

Part # ADV7129
Description  192-Bit, 360 MHz True-Color Video DAC with Onboard PLL
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7129 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADV7129 Datasheet HTML 7Page - Analog Devices ADV7129 Datasheet HTML 8Page - Analog Devices ADV7129 Datasheet HTML 9Page - Analog Devices ADV7129 Datasheet HTML 10Page - Analog Devices ADV7129 Datasheet HTML 11Page - Analog Devices ADV7129 Datasheet HTML 12Page - Analog Devices ADV7129 Datasheet HTML 13Page - Analog Devices ADV7129 Datasheet HTML 14Page - Analog Devices ADV7129 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADV7129
–11–
REV. 0
REGISTER PROGRAMMING
The following section describes each register, including Address
Register and each of the Control Registers in terms of its
configuration.
Address Register (A10–A0)
As illustrated previously, the C1–C0 inputs, in conjunction with
the Address Register specify which control register, or palette
RAM location is accessed by the MPU port. The Address Reg-
ister is 16 bits wide and can be read from as well as written to.
CONTROL REGISTERS
A large bank of registers can be accessed using the Address reg-
ister and C1–C0. Access is made first by writing the Address
Register with the appropriate address to point to the particular
Control Register, and then performing an MPU access to the
Control Register.
ADDRESS REGISTER
(A10–A0)
(A10–A0)
REGISTER ACCESS
4FF–412
RESERVED
411
COMMAND REGISTER 2
410
RESERVED
40F
RESERVED
40E
RESERVED
40D
RESERVED
40C
RESERVED
40B
RESERVED
40A
RESERVED
409
RESERVED
408
RESERVED
407
BLUE DAC GAIN ERROR REGISTER
406
GREEN DAC GAIN ERROR REGISTER
405
RED DAC GAIN ERROR REGISTER
004
RESERVED
403
RESERVED
402
RESERVED
401
RESERVED
400
COMMAND REGISTER 1
000–3FF
RESERVED
C1
C0
R/
W
0
0
0
WRITE TO ADDRESS REGISTER (LOWER BYTE)
0
1
0
WRITE TO ADDRESS REGISTER (UPPER BYTE)
1
0
0
WRITE TO REGISTERS
0
0
1
READ FROM ADDRESS REGISTER (LOWER BYTE)
0
1
1
READ FROM ADDRESS REGISTER (UPPER BYTE)
1
0
1
READ FROM REGISTERS
1
1
X
RESERVED
Figure 6. Control Registers
COMMAND REGISTER 1 (CR1)
(Address Register (A10–A0) = 400H)
This register contains a number of control bits as shown in the
diagram. CR1 is an 8-bit wide register.
Figure 7 shows the various operations under the control of CR1.
This register can be read from as well as written to. Bit CR16 is
reserved and should be set to logic “1.”
COMMAND REGISTER 1-BIT DESCRIPTION
BLANK
Control on Inverted Outputs (CR10):
This bit specifies whether the video BLANK is to be decoded
onto the inverted analog outputs or ignored.
SYNC
Control on Inverted Outputs (CR11)
This bit specifies whether the video SYNC is to be decoded
onto the inverted analog outputs or ignored.
SYNC
Recognition on Blue (CR12)
This bit specifies whether the video SYNC input is to be de-
coded onto the IOB analog output or ignored.
SYNC
Recognition on Green (CR13)
This bit specifies whether the video SYNC input is to be de-
coded onto the IOG analog output or ignored.
SYNC
Recognition on Red (CR14)
This bit specifies whether the video SYNC input is to be de-
coded onto the IOR analog output or ignored.
Pedestal Enable Control (CR15)
This bit specifies whether a 0 IRE or a 7.5 IRE blanking pedes-
tal is to be generated on the video outputs.
Display Mode Control (CR17)
This bit controls whether the display is interlaced or noninterlaced.
CR17
CR16
CR15
CR14
CR13
CR12
CR11
CR10
CR16 = 0
(RESERVED)
ZERO MUST BE
WRITTEN TO THIS BIT
INTERLACE ENABLE
0
DISABLE
1
ENABLE
CR17
PEDESTAL ENABLE
CONTROL
0
0 IRE
1
7.5 IRE
CR15
SYNC RECOGNITION
CONTROL (IOG)
0
IGNORE
1
DECODE
CR13
SYNC RECOGNITION
CONTROL (IOB)
0
IGNORE
1
DECODE
CR12
SYNC RECOGNITION
CONTROL (IOR)
0
IGNORE
1
DECODE
CR14
PEDESTAL CONTROL
(
IOR, IOG, IOB)
0
DISABLE BLANK ON
INVERTED OUTPUTS
1
DECODE BLANK ON
INVERTED OUTPUTS
CR10
SYNC CONTROL
(
IOR, IOG, IOB)
0
DISABLE SYNC ON
INVERTED OUTPUTS
1
DECODE SYNC ON
INVERTED OUTPUTS
CR11
Figure 7. Command Register 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com