Electronic Components Datasheet Search
  English  ▼

X  

ADV7192KST Datasheet(PDF) 42 Page - Analog Devices

Part # ADV7192KST
Description  Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7192KST Datasheet(HTML) 42 Page - Analog Devices

Back Button ADV7192KST Datasheet HTML 38Page - Analog Devices ADV7192KST Datasheet HTML 39Page - Analog Devices ADV7192KST Datasheet HTML 40Page - Analog Devices ADV7192KST Datasheet HTML 41Page - Analog Devices ADV7192KST Datasheet HTML 42Page - Analog Devices ADV7192KST Datasheet HTML 43Page - Analog Devices ADV7192KST Datasheet HTML 44Page - Analog Devices ADV7192KST Datasheet HTML 45Page - Analog Devices ADV7192KST Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 69 page
background image
ADV7192
–42–
REV. 0
DNR17
DNR16
DNR15
DNR14
DNR13
DNR12
DNR11
DNR10
DNR THRESHOLD
DNR DNR DNR DNR DNR DNR
15
14
13
12
11
10
0
0
0
0
0
0
0
0000
0
1
1
••••
•
•
•
••••
•
•
•
••••
•
•
•
1111
1
0
62
1111
1
1
63
0
2 PIXELS
1
4 PIXELS
DNR16
BORDER AREA
0
8 PIXELS
1
16 PIXELS
DNR17
BLOCK SIZE
CONTROL
Figure 87. DNR Register 1
DNR2 BIT DESCRIPTION
DNR Input Select (DNR20–DNR22)
Three bits are assigned to select the filter which is applied to the
incoming Y data. The signal which lies in the passband of the
selected filter is the signal which will be DNR processed. Figure 88
shows the filter responses selectable with this control.
DNR Mode Control (DNR23)
This bit controls the DNR mode selected. A Logic 0 selects
DNR mode, a Logic 1 selects DNR Sharpness mode.
DNR works on the principle of defining low amplitude, high-
frequency signals as probable noise and subtracting this noise
from the original signal.
In DNR mode, it is possible to subtract a fraction of the signal
which lies below the set threshold, assumed to be noise, from
the original signal. The threshold is set in DNR Register 1.
When DNR Sharpness mode is enabled it is possible to add a
fraction of the signal which lies above the set threshold to the
original signal, since this data is assumed to be valid data and
not noise. The overall effect being that the signal will be boosted
(similar to using Extended SSAF Filter).
FREQUENCY – MHz
1
0.4
0.6
0.2
01
234
6
5
0.8
0
FILTER D
FILTER C
FILTER B
FILTER A
Figure 88. Filter Response of Filters Selectable
FILTER OUTPUT
< THRESHOLD ?
GAIN CONTROL
BLOCK SIZE CONTROL
BORDER AREA
BLOCK OFFSET
GAIN
CORING GAIN DATA
CORING GAIN BORDER
FILTER BLOCK
FILTER OUTPUT
> THRESHOLD
DNR
OUT
MAIN SIGNAL PATH
Y DATA
INPUT
NOISE SIGNAL PATH
SUBTRACT
SIGNAL IN
THRESHOLD
RANGE
FROM
ORIGINAL
SIGNAL
DNR
MODE
FILTER OUTPUT
> THRESHOLD ?
GAIN CONTROL
BLOCK SIZE CONTROL
BORDER AREA
BLOCK OFFSET
GAIN
CORING GAIN DATA
CORING GAIN BORDER
FILTER BLOCK
FILTER OUTPUT
< THRESHOLD
DNR
OUT
MAIN SIGNAL PATH
Y DATA
INPUT
NOISE SIGNAL PATH
ADD
SIGNAL
ABOVE
THRESHOLD
RANGE
TO
ORIGINAL
SIGNAL
DNR
SHARPNESS
MODE
Figure 89. Block Diagram for DNR Mode and DNR Sharp-
ness Mode
Block Offset (DNR24–DNR27)
Four bits are assigned to this control which allows a shift of the
data block of 15 pixels maximum. Consider the coring gain
positions fixed. The block offset shifts the data in steps of one
pixel such that the border coring gain factors can be applied at
the same position regardless of variations in input timing of the
data.
O X X X X X X O
O X X X X X X O
APPLY DATA
CORING GAIN
APPLY BORDER
CORING GAIN
DNR27-DNR24
= 01HEX
OFFSET
CAUSED BY
VARIATIONS IN
INPUT TIMING
O X X X X X X O
O X X X X X X O
O X X X X X X O
O X X X X X X O
Figure 90. DNR27–DNR24 Block Offset Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com