Electronic Components Datasheet Search
  English  ▼

X  

ADV7192KST Datasheet(PDF) 33 Page - Analog Devices

Part # ADV7192KST
Description  Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7192KST Datasheet(HTML) 33 Page - Analog Devices

Back Button ADV7192KST Datasheet HTML 29Page - Analog Devices ADV7192KST Datasheet HTML 30Page - Analog Devices ADV7192KST Datasheet HTML 31Page - Analog Devices ADV7192KST Datasheet HTML 32Page - Analog Devices ADV7192KST Datasheet HTML 33Page - Analog Devices ADV7192KST Datasheet HTML 34Page - Analog Devices ADV7192KST Datasheet HTML 35Page - Analog Devices ADV7192KST Datasheet HTML 36Page - Analog Devices ADV7192KST Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 69 page
background image
ADV7192
–33–
REV. 0
MODE REGISTER 5
MR5 (MR57–MR50)
(Address (SR4–SR0) = 05H)
Mode Register 5 is a 8-bit-wide register. Figure 61 shows the
various operations under the control of Mode Register 5.
MR5 BIT DESCRIPTION
Y-Level Control (MR50)
This bit controls the component Y output level on the ADV7192
If this bit is set (0), the encoder outputs Betacam levels when
configured in PAL or NTSC mode. If this bit is set (1), the
encoder outputs SMPTE levels when configured in PAL or
NTSC mode.
UV-Levels Control (MR51–MR52)
These bits control the component U and V output levels on the
ADV7192. It is possible to have UV levels with a peak-to-peak
amplitude of either 700 mV (MR52 + MR51 = 01) or 1000 mV
(MR52 + MR51 = 10) in NTSC and PAL. It is also possible to
have default values of 934 mV for NTSC and 700 mV for PAL
(MR52 + MR51 = 00).
RGB Sync (MR53)
This bit is used to set up the RGB outputs with the sync infor-
mation encoded on all RGB outputs.
Clamp Delay (MR54–MR55)
These bits control the delay or advance of the CLAMP signal in
the front or back porch of the ADV7192. It is possible to delay or
advance the pulse by zero, one, two or three clock cycles.
Note: TTX functionality is shared with
VSO and CLAMP on Pin
62. CLAMP/
VSO Select (MR77) and TTX Input/CLAMP–VSO
Output (MR76) have to be set accordingly.
Clamp Delay Direction (MR56)
This bit controls a positive or negative delay in the CLAMP sig-
nal. If this bit is set (1), the delay is negative. If it is set (0), the
delay is positive.
Clamp Position (MR57)
This bit controls the position of the CLAMP signal. If this bit is
set (1), the CLAMP signal is located in the back porch position.
If this bit is set (0), the CLAMP signal is located in the front
porch position.
MR57
MR56
MR55
MR54
MR53
MR52
MR51
MR50
0
POSITIVE
1
NEGATIVE
MR56
CLAMP DELAY
DIRECTION
UV LEVEL CONTROL
MR52 MR51
0
0
DEFAULT LEVELS
0
1
700mV
1
0
1000mV
1
1
RESERVED
0
DISABLE
1
ENABLE
MR53
RGB SYNC
CLAMP
POSITION
0
FRONT PORCH
1
BACK PORCH
MR57
0
DISABLE
1
ENABLE
MR50
Y LEVEL
CONTROL
CLAMP DELAY
MR55 MR54
0
0
NO DELAY
01
1
PCLK
10
2
PCLK
11
3
PCLK
Figure 61. Mode Register 5, MR5
MR47
MR46
MR45
MR44
MR43
MR42
MR41
MR40
0
DISABLE
1
ENABLE
MR46
COLOR BAR
CONTROL
CHROMINANCE
CONTROL
0
ENABLE COLOR
1
DISABLE COLOR
MR44
GENLOCK CONTROL
MR42 MR41
0
0
DISABLE GENLOCK
0
1
ENABLE SUBCARRIER
RESET PIN
1
0
TIMING RESET
1
1
ENABLE RTC PIN
0
DISABLE
1
ENABLE
MR40
VSYNC 3H
CONTROL
BURST
CONTROL
0
ENABLE BURST
1
DISABLE BURST
MR45
ACTIVE VIDEO
LINE DURATION
0
720 PIXELS
1
710 PIXELS/702 PIXELS
MR43
INTERLACE MODE
CONTROL
0
INTERLACED
1
NONINTERLACED
MR47
Figure 60. Mode Register 4, MR4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com