Electronic Components Datasheet Search
  English  ▼

X  

ADV7192KST Datasheet(PDF) 22 Page - Analog Devices

Part # ADV7192KST
Description  Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7192KST Datasheet(HTML) 22 Page - Analog Devices

Back Button ADV7192KST Datasheet HTML 18Page - Analog Devices ADV7192KST Datasheet HTML 19Page - Analog Devices ADV7192KST Datasheet HTML 20Page - Analog Devices ADV7192KST Datasheet HTML 21Page - Analog Devices ADV7192KST Datasheet HTML 22Page - Analog Devices ADV7192KST Datasheet HTML 23Page - Analog Devices ADV7192KST Datasheet HTML 24Page - Analog Devices ADV7192KST Datasheet HTML 25Page - Analog Devices ADV7192KST Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 69 page
background image
ADV7192
–22–
REV. 0
Mode 0 (CCIR–656): Slave Option
(Timing Register 0 TR0 = X X X X X 0 0 0)
The ADV7192 is controlled by the SAV (Start Active Video) and EAV (End Active Video) Time Codes in the Pixel Data. All timing
information is transmitted using a 4-byte Synchronization Pattern. A synchronization pattern is sent immediately before and after each line
during active picture and retrace. Mode 0 is illustrated in Figure 39. The HSYNC, VSYNC and BLANK (if not used) pins should be
tied high during this mode. Blank output is available.
Y
C
r Y
F
F
0
0
0
0
X
Y
8
0
1
0
8
0
1
0
F
F
0
0
F
F
A
B
A
B
A
B
8
0
1
0
8
0
1
0
F
F
0
0
0
0
X
Y
C
b Y
C
r
C
b
Y
C
b
Y
C
r
EAV CODE
SAV CODE
ANCILLARY DATA
(HANC)
4 CLOCK
4 CLOCK
268 CLOCK
1440 CLOCK
4 CLOCK
4 CLOCK
280 CLOCK
1440 CLOCK
END OF ACTIVE
VIDEO LINE
START OF ACTIVE
VIDEO LINE
ANALOG
VIDEO
INPUT PIXELS
NTSC/PAL M SYSTEM
(525 LlNES/60Hz)
PAL SYSTEM
(625 LINES/50Hz)
Y
Figure 39. Timing Mode 0, Slave Mode
Mode 0 (CCIR–656): Master Option
(Timing Register 0 TR0 = X X X X X 0 0 1)
The ADV7192 generates H, V, and F signals required for the SAV (Start Active Video) and EAV (End Active Video)
Time Codes in the CCIR656 standard. The H bit is output on the HSYNC pin, the V bit is output on the BLANK pin and the
F bit is output on the VSYNC pin. Mode 0 is illustrated in Figure 40 (NTSC) and Figure 41 (PAL). The H, V, and F transitions relative
to the video waveform are illustrated in Figure 42.
260
261
262
263
264
265
266
267
268
269
270
271
272
273
274
283
284
285
ODD FIELD
EVEN FIELD
DISPLAY
DISPLAY
VERTICAL BLANK
H
V
F
522
523
524
525
1
2
3
4
5
67
8
9
10
11
20
21
22
DISPLAY
VERTICAL BLANK
ODD FIELD
EVEN FIELD
H
V
F
DISPLAY
Figure 40. Timing Mode 0, NTSC Master Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com