Electronic Components Datasheet Search
  English  ▼

X  

ADV7192KST Datasheet(PDF) 44 Page - Analog Devices

Part # ADV7192KST
Description  Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7192KST Datasheet(HTML) 44 Page - Analog Devices

Back Button ADV7192KST Datasheet HTML 40Page - Analog Devices ADV7192KST Datasheet HTML 41Page - Analog Devices ADV7192KST Datasheet HTML 42Page - Analog Devices ADV7192KST Datasheet HTML 43Page - Analog Devices ADV7192KST Datasheet HTML 44Page - Analog Devices ADV7192KST Datasheet HTML 45Page - Analog Devices ADV7192KST Datasheet HTML 46Page - Analog Devices ADV7192KST Datasheet HTML 47Page - Analog Devices ADV7192KST Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 69 page
background image
ADV7192
–44–
REV. 0
OCR07
OCR06
OCR05
OCR04
OCR03
OCR02
OCR01
OCR00
OCR07
ZERO MUST BE
WRITTEN TO
THIS BIT
CLKOUT
PIN CONTROL
0
ENSABLED
1
DISABLED
OCR01
OCR06 – OCR04
ONE MUST BE
WRITTEN TO
THESE BITS
OCR03 – OCR02
ZERO MUST BE
WRITTEN TO
THESE BITS
OCR00
ZERO MUST BE
WRITTEN TO
THIS BIT
Figure 94. Output Clock Register
BRIGHTNESS DETECT REGISTER
(Address (SR5–SR0) = 34H)
The Brightness Detect Register is an 8-bit-wide register used only
to read back data in order to monitor the brightness/darkness of
the incoming video data on a field-by-field basis. The brightness
information is read from the I
2C and based on this information,
the color controls or the gamma correction controls may be
adjusted.
The luma data is monitored in the active video area only. The
average brightness I
2C register is updated on the falling edge of
every
VSYNC signal.
OUTPUT CLOCK REGISTER (OCR 9–0)
(Address (SR4–SR0) = 35H)
The Output Clock Register is an 8-bit-wide register. Figure 93
shows the various operations under the control of this register.
OCR BIT DESCRIPTION
Reserved (OCR00)
A Logic 0 must be written to this bit.
CLKOUT Pin Control (OCR01)
This bit enables the CLKOUT pin when set to 1 and, there-
fore, outputs a 54 MHz clock generated by the internal PLL.
The PLL and 4
× Oversampling have to be enabled for this con-
trol to take effect, (MR61 = 0; MR16 = 1).
Reserved (OCR02–03)
A Logic 0 must be written to this bit.
Reserved (OCR04–06)
A Logic 1 must be written to these bits.
Reserved (OCR07)
A Logic 0 must be written to this bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com