Electronic Components Datasheet Search
  English  ▼

X  

ADV7192KST Datasheet(PDF) 32 Page - Analog Devices

Part # ADV7192KST
Description  Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7192KST Datasheet(HTML) 32 Page - Analog Devices

Back Button ADV7192KST Datasheet HTML 28Page - Analog Devices ADV7192KST Datasheet HTML 29Page - Analog Devices ADV7192KST Datasheet HTML 30Page - Analog Devices ADV7192KST Datasheet HTML 31Page - Analog Devices ADV7192KST Datasheet HTML 32Page - Analog Devices ADV7192KST Datasheet HTML 33Page - Analog Devices ADV7192KST Datasheet HTML 34Page - Analog Devices ADV7192KST Datasheet HTML 35Page - Analog Devices ADV7192KST Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 69 page
background image
ADV7192
–32–
REV. 0
MODE REGISTER 3
MR3 (MR37–MR30)
(Address (SR4–SR0) = 03H)
Mode Register 3 is an 8-bit-wide register. Figure 59 shows the
various operations under the control of Mode Register 3.
MR3 BIT DESCRIPTION
Revision Code (MR30–MR31)
This bit is read only and indicates the revision of the device.
VBI Open (MR32)
This bit determines whether or not data in the Vertical Blanking
Interval (VBI) is output to the analog outputs or blanked. Note
that this condition is also valid in Timing Slave Mode 0. For
further information see Vertical Blanking Data Insertion and
BLANK Input section.
Teletext Enable (MR33)
This bit must be set to 1 to enable teletext data insertion on the
TTX pin. Note: TTX functionality is shared with
VSO and
CLAMP on Pin 62. CLAMP/
VSO Select (MR77) and TTX
Input/CLAMP–
VSO Output (MR76) have to be set accordingly.
Teletext Bit Request Mode Control (MR34)
This bit enables switching of the teletext request signal from a
continuous high signal (MR34 = 0) to a bitwise request signal
(MR34 = 1).
Closed Captioning Field Selection (MR35–MR36)
These bits control the fields that closed captioning data is dis-
played on, closed captioning information can be displayed on
an odd field, even field or both fields.
Reserved (MR37)
A Logic 0 must be written to this bit.
MODE REGISTER 4
MR4 (MR47–MR40)
(Address (SR4–SR0) = 04H)
Mode Register 4 is an 8-bit-wide register. Figure 60 shows the
various operations under the control of Mode Register 4.
MR4 BIT DESCRIPTION
VSYNC_3H Control (MR40)
When this bit is enabled (1) in Slave Mode, it is possible to
drive the
VSYNC input low for 2.5 lines in PAL mode and
three lines in NTSC mode. When this bit is enabled in Master
Mode the ADV7192 outputs an active low
VSYNC signal for three
lines in NTSC mode and 2.5 lines in PAL mode.
Genlock Control (MR41–MR42)
These bits control the Genlock feature and timing reset of the
ADV7192. Setting MR41 and MR42 to Logic 0 disables the
SCRESET/RTC/TR pin and allows the ADV7192 to operate
in normal mode.
1. By setting MR41 to zero and MR42 to one, a timing reset is
applied, resetting the horizontal and vertical counters. This
has the effect of resetting the Field Count to Field 0.
If the SCRESET/RTC/TR pin is held high, the counters
will remain reset. Once the pin is released the counters will
commence counting again. For correct counter reset, the
SCRESET/RTC/TR pin has to remain high for at least
37 ns (one clock cycle at 27 MHz).
2. If MR41 is set to one and MR42 is set to zero, the SCRESET/
RTC/TR pin is configured as a subcarrier reset input and
the subcarrier phase will reset to Field 0 whenever a low-to-
high transition is detected on the SCRESET/RTC/TR pin
(SCH phase resets at the start of the next field).
3. If MR41 is set to one and MR42 is set to one, the SCRESET/
RTC/TR pin is configured as a real time control input and
the ADV7192 can be used to lock to an external video source
working in RTC mode. See Real-Time Control, Subcarrier
Reset and Timing Reset section.
Active Video Line Duration (MR43)
This bit switches between two active video line durations. A zero
selects CCIR Rec. 601 (720 pixels PAL/NTSC) and a one
selects ITU-R BT. 470 standard for active video duration (710
pixels NTSC, 702 pixels PAL).
Chrominance Control (MR44)
This bit enables the color information to be switched on and off
the chroma, composite and color component outputs.
Burst Control (MR45)
This bit enables the color burst to be switched on and off the
chroma and composite outputs.
Color Bar Control (MR46)
This bit can be used to generate and output an internal color
bar test pattern. The color bar configuration is 100/7.5/75/7.5
for NTSC and 100/0/75/0 for PAL. It is important to note that
when color bars are enabled the ADV7192 is configured in a
Master Timing mode. The output pins
VSYNC, HSYNC and
BLANK are three-state during color bar mode.
Interlaced Mode Control (MR47)
This bit is used to setup the output to interlaced or noninterlaced
mode.
MR37
ZERO MUST BE
WRITTEN TO
THIS BIT
MR37
MR36
MR35
MR34
MR33
MR32
MR31
MR30
MR31 MR30
RESERVED FOR
REVISION CODE
VBI OPEN
0
DISABLE
1
ENABLE
MR32
TTX BIT REQUEST
MODE CONTROL
0
DISABLE
1
ENABLE
MR34
TELETEXT
ENABLE
0
DISABLE
1
ENABLE
MR33
CLOSED CAPTIONING
FIELD SELECTION
MR36 MR35
0
0
NO DATA OUT
0
1
ODD FIELD ONLY
1
0
EVEN FIELD ONLY
1
1
DATA OUT
(BOTH FIELDS)
Figure 59. Mode Register 3, MR3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com