Electronic Components Datasheet Search
  English  ▼

X  

ADV7202 Datasheet(PDF) 8 Page - Analog Devices

Part # ADV7202
Description  Simultaneous Sampling Video Rate Codec
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7202 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADV7202 Datasheet HTML 4Page - Analog Devices ADV7202 Datasheet HTML 5Page - Analog Devices ADV7202 Datasheet HTML 6Page - Analog Devices ADV7202 Datasheet HTML 7Page - Analog Devices ADV7202 Datasheet HTML 8Page - Analog Devices ADV7202 Datasheet HTML 9Page - Analog Devices ADV7202 Datasheet HTML 10Page - Analog Devices ADV7202 Datasheet HTML 11Page - Analog Devices ADV7202 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
REV. PrB
PRELIMINARY TECHNICAL DATA
ADV7202
–8–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the ADV7202 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
1
AVDD to AVSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 V
DVDD to DVSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 V
Ambient Operating Temperature (TA) . . . . . . . . 0
°C to 70°C
Storage Temperature (TS) . . . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . 150
°C
Lead Temperature (Soldering, 10 secs) . . . . . . . . . . . . 300
°C
Vapor Phase Soldering (1 minute) . . . . . . . . . . . . . . . . 220
°C
IOUT to GND
2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V to VAA
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Analog output short circuit to any power supply or common can be of an indefinite
duration.
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
13
14
15
16
12
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
64 63 62 61 60
55 54 53 52 51 50 49
59 58 57 56
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
SYNC_IN
CLK/SCK
LE/ALSB
XTAL0
XTAL1
AVDD_ADC
AVSS_ADC
AIN1P
AIN1M
AIN2P
AIN12M
AIN3P
AIN3M
AIN4P
AIN4M
AIN5P
RESET
RSET
VREFDAC
COMP
DAC0_OUT
DAC1_OUT
AVSDD_DAC
AVSS_DAC
DAC2_OUT
DAC3_OUT
OSDIN0
OSDIN1
OSDIN2
DOUT0
DOUT1
DOUT2
ADV7202
ORDERING INFORMATION
1
Model
Temperature Range
Package Description
Package Option
ADV7202
0
°C to 70°C
64-Lead Plastic Quad Flatpack (LQFP)
ST-64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com