Electronic Components Datasheet Search
  English  ▼

X  

ADV7202 Datasheet(PDF) 19 Page - Analog Devices

Part # ADV7202
Description  Simultaneous Sampling Video Rate Codec
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7202 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADV7202 Datasheet HTML 15Page - Analog Devices ADV7202 Datasheet HTML 16Page - Analog Devices ADV7202 Datasheet HTML 17Page - Analog Devices ADV7202 Datasheet HTML 18Page - Analog Devices ADV7202 Datasheet HTML 19Page - Analog Devices ADV7202 Datasheet HTML 20Page - Analog Devices ADV7202 Datasheet HTML 21Page - Analog Devices ADV7202 Datasheet HTML 22Page - Analog Devices ADV7202 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
REV. PrB
PRELIMINARY TECHNICAL DATA
ADV7202
–19–
AGC REGISTER 0
AR0 (AR00–AR07)
(Address (SR4–SR0) = 04H)
Figure 24 shows the various operations under the control of
AGC Register 0.
AR0 BIT DESCRIPTION
AGC Multiplier (AR00–AR07)
This register holds the last eight bits of the 12-bit AGC
multiplier word.
AGC REGISTER 0
AR1 (AR08–AR15)
(Address (SR4–SR0) = 05H)
Figure 24 shows the various operations under the control of
AGC Register 1.
AR1 BIT DESCRIPTION
AGC Multiplier (AR08–AR11)
These registers hold the first four bits of the 12-bit AGC
multiplier word.
AGC Sync Enable (AR12)
Setting this bit to “1” forces the AGC to wait until the next sync
pulse before switching on.
Reserved (AR13–AR15)
Zero must be written to these registers.
AR07
AR02
AR04
AR06
AR05
AR03
AR01
AR00
AR12
0OFF
1ON
ACG SYNC ENABLE
AR15–AR13
ZERO MUST BE
WRITTEN TO
THESE REGISTERS
AR11–AR00
12-BIT ACG MULTIPLIER,
HOLDS THE LSB, AR11
THE MSB
ACG MULTIPLIER
AR15
AR10
AR12
AR14
AR13
AR11
AR09
AR08
Figure 24. AGC Registers 0–1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com