Electronic Components Datasheet Search
  English  ▼

X  

ADV7202 Datasheet(PDF) 23 Page - Analog Devices

Part # ADV7202
Description  Simultaneous Sampling Video Rate Codec
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7202 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADV7202 Datasheet HTML 18Page - Analog Devices ADV7202 Datasheet HTML 19Page - Analog Devices ADV7202 Datasheet HTML 20Page - Analog Devices ADV7202 Datasheet HTML 21Page - Analog Devices ADV7202 Datasheet HTML 22Page - Analog Devices ADV7202 Datasheet HTML 23Page - Analog Devices ADV7202 Datasheet HTML 24Page - Analog Devices ADV7202 Datasheet HTML 25Page - Analog Devices ADV7202 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
REV. PrB
PRELIMINARY TECHNICAL DATA
ADV7202
–23–
AUXILIARY MONITORING REGISTERS
AU (AU00–AU07)
(Address (SR4–SR0) = 10H)
There are eight Auxiliary Monitoring Registers. These registers
are read-only; when the device is configured for auxiliary
inputs, they will display a value corresponding to the converted
auxiliary input. Auxiliary Register “0” will contain the value of
the converted auxiliary “0” input, auxiliary register “1” the
value of the converted auxiliary “1” input, and so on to auxiliary
register 7.
AU01
AU07
AU02
AU04
AU05
AU06
8-BIT [7:0] VALUE
CORRESPONDING TO
AUX0 INPUT VALUE
AU07–AU00
AU03
AU00
AUX REGISTER0
Figure 31. AUX Register 0
AU09
AU15
AU10
AU12
AU13
AU14
8-BIT [7:0] VALUE
CORRESPONDING TO
AUX1 INPUT VALUE
AU15–AU08
AU11
AU08
AUX REGISTER1
Figure 32. AUX Register 1
AU17
AU23
AU18
AU20
AU21
AU22
8-BIT [7:0] VALUE
CORRESPONDING TO
AUX2 INPUT VALUE
AU23–AU16
AU19
AU16
AUX REGISTER2
Figure 33. AUX Register 2
AU25
AU31
AU26
AU28
AU29
AU30
8-BIT [7:0] VALUE
CORRESPONDING TO
AUX3 INPUT VALUE
AU31–AU24
AU27
AU24
AUX REGISTER3
Figure 34. AUX Register 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com