Electronic Components Datasheet Search
  English  ▼

X  

ADV7202 Datasheet(PDF) 12 Page - Analog Devices

Part # ADV7202
Description  Simultaneous Sampling Video Rate Codec
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7202 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADV7202 Datasheet HTML 8Page - Analog Devices ADV7202 Datasheet HTML 9Page - Analog Devices ADV7202 Datasheet HTML 10Page - Analog Devices ADV7202 Datasheet HTML 11Page - Analog Devices ADV7202 Datasheet HTML 12Page - Analog Devices ADV7202 Datasheet HTML 13Page - Analog Devices ADV7202 Datasheet HTML 14Page - Analog Devices ADV7202 Datasheet HTML 15Page - Analog Devices ADV7202 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
REV. PrB
PRELIMINARY TECHNICAL DATA
ADV7202
–12–
XTAL0
DAC_DATA [9:0]
SYNC_OUT
CR
Y
CB
Y
CR
Y
CB
Figure 3. SYNC_OUT Output Timing, YCrCb Input
MPU PORT DESCRIPTION
The ADV7202 supports a 2-wire serial (I
2C-compatible)
microprocessor bus driving multiple peripherals. Two inputs,
Serial Data (SDA) and Serial Clock (SCL), carry information
between any device connected to the bus. Each slave device is
recognized by a unique address. The ADV7202 has four pos-
sible slave addresses for both read and write operations. These
are unique addresses for each device and are illustrated in
Figure 4. The LSB sets either a read or write operation. Logic
Level “1” corresponds to a read operation, while Logic Level
“0” corresponds to a write operation. A1 is set by setting the
ALSB pin of the ADV7202 to Logic Level “0” or Logic Level
“1.” When ALSB is set to “0,” there is greater input bandwidth
on the I
2C lines, which allows high-speed data transfers on this
bus. When ALSB is set to “1,” there is reduced input band-
width on the I
2C lines, which means that pulses of less than
50 ns will not pass into the I
2C internal controller. This mode is
recommended for noisy systems.
00
10
1
1
A1
X
0
DISABLED
1
ENABLED
READ/WRITE
CONTROL
SET UP BY
ALSB
ADDRESS
CONTROL
Figure 4. Slave Address
To control the various devices on the bus, the following proto-
col must be followed. First the master initiates a data transfer by
establishing a Start condition, defined by a high-to-low transition
on SDA while SCL remains high. This indicates that an address/
data stream will follow. All peripherals respond to the Start
condition and shift the next eight bits (7-bit address + R/
W bit).
The bits are tranferred from MSB down to LSB. The peripheral
that recognizes the transmitted address responds by pulling the
data line low during the ninth clock pulse. This is known as an
Acknowledge Bit. All other devices withdraw from the bus at
this point and maintain an idle condition. The idle condition
is where the device monitors the SDA and SCL lines waiting for
the Start condition and the correct transmitted address. The R/
W
bit determines the direction of the data.
A Logic “0” on the LSB of the first byte means that the master
will write information to the peripheral. A Logic “1” on the LSB
of the first byte means that the master will read information
from the peripheral.
The ADV7202A acts as a standard slave device on the bus. The
data on the SDA pin is eight bits long, supporting the 7-bit
addresses plus the R/
W bit. It interprets the first byte as the
device address and the second byte as the starting subaddress.
The subaddresses auto-increment, allowing data to be written to
or read from the starting subaddress. A data transfer is always
terminated by a Stop condition. The user can access any unique
subaddress register on a one-by-one basis without updating all
the registers.
Stop and Start conditions can be detected at any stage during
the data transfer. If these conditions are asserted out of sequence
with normal read and write operations, they cause an immediate
jump to the idle condition. During a given SCL high period, the
user should only issue one Start condition, one Stop condition,
or a single Stop condition followed by a single Start condition. If
an invalid subaddress is issued by the user, the ADV7202 will
not issue an acknowledge and will return to the idle condition. If
in auto-increment mode, the user exceeds the highest subaddress,
the following action will be taken:
1. In Read Mode, the highest subaddress register contents
will continue to be output until the master device issues a
no-acknowledge. This indicates the end of a read. A
no-acknowledge condition is where the SDA line is not
pulled low on the ninth pulse.
2. In Write Mode, the data for the invalid byte will not be
loaded into any subaddress register, a no-acknowledge will
be issued by the ADV7202, and the part will return to the
idle condition.
Figure 5 illustrates an example of data transfer for a read
sequence and the Start and Stop conditions.
1–7
8
9
1–7
8
9
1–7
8
9
P
S
START ADDR R/
W ACK SUBADDRESS ACK
DATA
ACK
STOP
SDATA
SCLOCK
Figure 5. Bus Data Transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com