Electronic Components Datasheet Search
  English  ▼

X  

ADV7202 Datasheet(PDF) 18 Page - Analog Devices

Part # ADV7202
Description  Simultaneous Sampling Video Rate Codec
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7202 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADV7202 Datasheet HTML 14Page - Analog Devices ADV7202 Datasheet HTML 15Page - Analog Devices ADV7202 Datasheet HTML 16Page - Analog Devices ADV7202 Datasheet HTML 17Page - Analog Devices ADV7202 Datasheet HTML 18Page - Analog Devices ADV7202 Datasheet HTML 19Page - Analog Devices ADV7202 Datasheet HTML 20Page - Analog Devices ADV7202 Datasheet HTML 21Page - Analog Devices ADV7202 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
REV. PrB
PRELIMINARY TECHNICAL DATA
ADV7202
–18–
MODE REGISTER 2
MR2 (MR20–MR27)
(Address (SR4–SR0) = 02H)
Figure 22 shows the various operations under the control of
Mode Register 2.
MR1 BIT DESCRIPTION
Analog Input Configuration (MR20–MR23)
This control selects the analog input configuration, up to six
CVBS input channels, or two component YUV, or three S-Video
and eight auxiliary inputs. See Figure 22 for details.
SHA0 Control (MR24)
Setting this bit to “0” enables SHA0; otherwise, this SHA is
powered down (SHA = Sample and Hold Amplifier).
SHA1 Control (MR25)
Setting this bit to “0” enables SHA1; otherwise, this SHA is
powered down.
SHA2 Control (MR26)
Setting this bit to “0” enables SHA2; otherwise, this SHA is
powered down.
AUX Control (MR27)
Setting this bit to “0” enables the auxiliary ADC; otherwise, this
Aux ADC is powered down.
ANALOG INPUT CONFIGURATION*
MR23 MR22 MR21 MR20
0
0
0
0
CVBS IN ON AIN1
0
0
0
1
CVBS IN ON AIN2
0
0
1
0
CVBS IN ON AIN3
0
0
1
1
RESERVED
0
1
0
0
CVBS IN ON AIN5
0
1
0
1
CVBS IN ON AIN6
0
1
1
0
Y/C IN ON AIN1, AIN4
0
1
1
1
Y/C IN ON AIN2, AIN3
1
0
0
0
YUV IN ON AIN2, AIN3, AIN6
1
0
0
1
CVBS IN ON AIN1, 8 AUX INPUTS
1
0
1
0
CVBS IN ON AIN2, 8 AUX INPUTS
MR21
MR27
MR22
MR24
MR26
MR23
MR20
MR25
MR26
0
NORMAL
1
POWER-DOWN
SHA2 CONTROL
MR27
0
NORMAL
1
POWER-DOWN
AUX CONTROL
MR25
0
NORMAL
1
POWER-DOWN
SHA1 CONTROL
MR24
0
NORMAL
1
POWER-DOWN
SHA0 CONTROL
*SEE FIGURE : XX
Figure 22. Mode Register 2
MODE REGISTER 3
MR3 (MR30–MR37)
(Address (SR4–SR0) = 03H)
Figure 23 shows the various operations under the control of
Mode Register 3.
MR3 BIT DESCRIPTION
Clamp Current (MR30)
Setting this bit to “1” enables the doubling of all clamp currents.
Analog Input Mode (MR31)
Setting this bit to “1” enables differential mode for the analog
inputs; otherwise, the inputs are single ended. See Figure 23.
SHA Gain (MR32)
Setting this bit to “0” enables SHA gain of 1. If the bit is set to
“1,” the SHA gain is 2. The SHA gain will limit the input signal
range, see Figure 23.
Voltage Clamp (MR33)
Setting this bit to “1” will enable the voltage clamps.
Output Enable (MR34)
Setting this bit to “1” puts the digital outputs into high im-
pedance.
SYNC Polarity (MR35)
This bit controls the polarity of the SYNC_IN pin. If the bit
is set to “0,” a logic low pulse corresponds to H-Sync. If the bit
is “1,” a logic high pulse corresponds to H-Sync. This sync in
pulse can then be used to control the synchronization of AGC/
Clamping, see AR12.
Reserved (MR36–MR37)
Zero must be written to both these registers.
MR37
MR32
MR34
MR36
MR34
0
NORMAL
1
HIGH Z
OUTPUT ENABLE
MR35
MR35
0LOW
1
HIGH
SYNC POLARITY
MR33
MR31
MR30
MR33
0OFF
1ON
VOLTAGE CLAMP
MR32
01
12
SHA GAIN
MR30
0
NORMAL
1
DOUBLE
CLAMP CURRENT
MR31
0
SINGLE-ENDED
1
POWER-DOWN
ANALOG INPUT
MR36–MR37
ZERO MUST BE
WRITTEN TO
THESE REGISTERS
Figure 23. Mode Register 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com