Electronic Components Datasheet Search
  English  ▼

X  

ADV7202 Datasheet(PDF) 11 Page - Analog Devices

Part # ADV7202
Description  Simultaneous Sampling Video Rate Codec
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7202 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADV7202 Datasheet HTML 7Page - Analog Devices ADV7202 Datasheet HTML 8Page - Analog Devices ADV7202 Datasheet HTML 9Page - Analog Devices ADV7202 Datasheet HTML 10Page - Analog Devices ADV7202 Datasheet HTML 11Page - Analog Devices ADV7202 Datasheet HTML 12Page - Analog Devices ADV7202 Datasheet HTML 13Page - Analog Devices ADV7202 Datasheet HTML 14Page - Analog Devices ADV7202 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
REV. PrB
PRELIMINARY TECHNICAL DATA
ADV7202
–11–
Video Clamping and AGC Control
When Analog signal clamping is required the input signal should
be AC coupled to the input via a capacitor, the clamping control
is via the MPU port. The AGC is implemented digitally. For
correct operation the user must program the clamp value to which
the signal has been clamped into the ADV7202 I
2C Register. This
allows the user to specify which signal level is unaffected by the
AGC. The digital output signal will be a function of the ADC
output, the AGC Gain, and the Clamp Level, and can be repre-
sented as follows,
(1)
D_OUT will be a 10-bit number (0–1023), the AGC Gain
defaults to 2 and can have a value between 0 to 7.99. The Clamp
Level is a 10-bit number (0–1023) although only the top eight
bits of clamp level are specified in the I
2C Register; the ADC
value can be regarded as a 10-bit number (0–1023) for the
equation. It should be noted that the ADC resolution is 12 bits.
The above equation is used to give a basic perspective, and is
mathematically correct.
When the clamps are operational, the operation described by
Equation (1) is how the ADV7202 ensures that the level to
which the user is clamping is unaffected by the AGC loop.
When no clamps are operational, the operation should be
regarded as a straightforward gain-and-level shift.
Equation (1) maps the ADC input voltage range to its output.
AGC Gain
The AGC Gain can be set to a value from 0 to 7.9. The AGC
Gain Register holds a 12-bit number that corresponds to the
required gain. The first three MSBs hold the gain integer value
while the remaining nine bits hold the gain fractional value.
Example: The user requires a gain of 3.65.
The first three bits give the integer value 3, hence these will be
set to ‘0 1 1.’ The remaining nine bits will have to be set to give
the fractional value 0.65, 512
0.65 = 333 = ‘10100110 1.’
From Equation (2) it can be seen that the Clamp Level is
taken from the signal before AGC is applied and then added on
again afterwards; hence, if the AGC Gain is set to a value of
one, the result would be as follows,
(AGC Gain = 1)
D
Clamp Level
ADC
_OUT = ADC - Clamp Level
+=
(2)
FUNCTIONAL DESCRIPTION
Clamp and AGC Control
The ADV7202 has a front end 3-channel clamp control. In
order to perform an accurate AGC gain operation, it is neces-
sary to know to what level the user is clamping the black level;
this value is programmable in Clamp Register 0 CR00–CR07.
Each channel has a fine and coarse clamp; the clamp direction
and its duration are programmable. Synchronization of the clamps
and AGC to the input signal is possible using the SYNC_IN con-
trol pin and setting mode register CR14 to Logic Level “1.” Using
this method, it is possible to ensure that AGC and clamping are
only applied outside the active video area.
Control Signals
The function and operation of the SYNC_IN signal is described
in the Clamp Control section. The SYNC_OUT will go high
while Cr data from a YCrCb data stream or C data from a Y/C
data stream has been output on DOUT[9:0]. See Figure 1 to
Figure 3.
I
2C Filter
A selectable internal I
2C filter allows significant noise reduction
on the I2C interface. In setting ALSB high, the input bandwidth
on the I
2C lines is reduced and pulses of less than 50 ns are not
passed to the I
2C controller. Setting ALSB low allows greater
input bandwidth on the I2C lines.
XTAL0
CVBS
DAC_DATA [9:0]
SYNC_OUT
CVBS
CVBS
CVBS
CVBS
CVBS
CVBS
Figure 1. SYNC_OUT Output Timing, CVBS Input
XTAL0
DAC_DATA [9:0]
SYNC_OUT
YC
YC
Y
C
Y
Figure 2. SYNC_OUT Output Timing, Y/C (S-VIDEO) Input
D
Clamp Level
_OUT = ADC Gain
ADC – Clamp Level
×
()
[]+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com