Electronic Components Datasheet Search
  English  ▼

X  

ADV7202 Datasheet(PDF) 9 Page - Analog Devices

Part # ADV7202
Description  Simultaneous Sampling Video Rate Codec
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7202 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADV7202 Datasheet HTML 5Page - Analog Devices ADV7202 Datasheet HTML 6Page - Analog Devices ADV7202 Datasheet HTML 7Page - Analog Devices ADV7202 Datasheet HTML 8Page - Analog Devices ADV7202 Datasheet HTML 9Page - Analog Devices ADV7202 Datasheet HTML 10Page - Analog Devices ADV7202 Datasheet HTML 11Page - Analog Devices ADV7202 Datasheet HTML 12Page - Analog Devices ADV7202 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
REV. PrB
PRELIMINARY TECHNICAL DATA
ADV7202
–9–
PIN FUNCTION DESCRIPTIONS
Input/
Pin No.
Mnemonic
Output
Function
1
SYNC_IN
I
This signal can be used to synchronize the updating of clamps. Polarity is pro-
grammable via I
2C or SPI.
2
CLK/SCK
I
MPU Port Serial Interface Clock Input. If the SPI interface is enabled, this pin is
clock input. If the I
2C interface is enabled, this pin is SCK.
3
LE/ALSB
I
If the SPI interface is enabled, this pin is Latch Enable. If the I
2C interface is en-
abled, this pin is the ALSB Address Select Pin. This signal sets up the LSB of the
MPU address. MPU address = 2cH, ALSB = 0, MPU address = 2eH, ALSB = 1.
When this pin is tied high, the I
2C filter is activated, which reduces noise on the
I
2C interface. When this pin is tied low, the input bandwidth on the I2C lines is
increased.
4
XTAL0
I
Input Terminal for crystal oscillator or connection for external oscillator with
CMOS-compatible square wave clock signal.
5
XTAL1
O
Second Terminal for Crystal Oscillator. Not connected if external clock source
is used.
6
AVDD_ADC
P
ADC Analog Supply Voltage (5 V or 3.3 V)
7
AVSS_ADC
G
Ground for ADC Analog Supply
8–19
AIN1–6
I
Analog Signal Inputs. Can be configured differentially or single-ended.
20
SPI_SEL
I
A high signal on the pin selects SPI MPU port serial operation; a low signal selects
I2C MPU port serial operation.
21
REFADC
I/O
Internally generated Voltage Reference or programmable reference out.
22
CML
O
Common-Mode Level for ADCs
23, 24
CAP2, CAP1
I
ADC Capacitor Network
25
OSDEN
I
Enable data from OSDIN0–2 to be switched to the outputs when set to a logic high.
26–35
DOUT[9:0]
O
ADC data output
36
OSDIN2
I
Third Input Channel for On-Screen Display
37
OSDIN1
I
Second Input Channel for On-Screen Display
38
OSDIN0
I
First Input Channel for On-Screen Display
39
DAC3_OUT
O
General Purpose Analog Output
40
DAC2_OUT
O
Analog Output. Can Be Used to Output CVBS, R or U
41
AVSS_DAC
G
Ground for DAC Analog Supply
42
AVDD_DAC
P
DAC Analog Supply Voltage (5 V or 3.3 V)
43
DAC1_OUT
O
Analog Output. Can Be Used to Output CVBS, Y, G, or Luma.
44
DAC0_OUT
O
Analog Output. Can Be Used to Output CVBS, V, B, or Chroma.
45
COMP
O
Compensation Pin for DACs. Connect 0.1
µF capacitor from COMP pin to
AVDD_DAC.
46
VREFDAC
I/O
DAC Voltage Reference Output Pin, Nominally 1.235 V. Can be driven by an
external voltage reference.
47
RSET
I
Used to control the amplitude of the DAC output current, 1200
Ω gives an I max
of 4.33
µA.
48
RESET
I
Master Reset (Asynchronous)
49–52, 55, 56,
DAC_DATA[9:0]
I
DAC Input Data for Four Video Rate DACs
59–62
53
DVSS
G
Ground for Digital Core Supply
54
DVDD
P
Analog Supply Voltage for Digital Core (5 V or 3.3 V)
57, 58
DAC_CLK[1:0]
I
DAC Clocks
63
SYNC_OUT
O
Output Sync Signal, which goes to a high state while Cr data sample from a
YCrCb data stream or C data from a Y/C data stream is output on DOUT[9:0].
64
SI_SDA
I/O
If the SPI interface is enabled, this pin is serial data In. If the I2C interface is
enabled, this pin is MPU Port Serial Data Input/Output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com