Electronic Components Datasheet Search
  English  ▼

X  

ADV7202 Datasheet(PDF) 3 Page - Analog Devices

Part # ADV7202
Description  Simultaneous Sampling Video Rate Codec
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7202 Datasheet(HTML) 3 Page - Analog Devices

  ADV7202 Datasheet HTML 1Page - Analog Devices ADV7202 Datasheet HTML 2Page - Analog Devices ADV7202 Datasheet HTML 3Page - Analog Devices ADV7202 Datasheet HTML 4Page - Analog Devices ADV7202 Datasheet HTML 5Page - Analog Devices ADV7202 Datasheet HTML 6Page - Analog Devices ADV7202 Datasheet HTML 7Page - Analog Devices ADV7202 Datasheet HTML 8Page - Analog Devices ADV7202 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
REV. PrB
PRELIMINARY TECHNICAL DATA
–3–
ADV7202
5 V SPECIFICATIONS (AVDD/DVDD = 5 V 5%, V
REF = 1.235 V RSET = 1.2 k
, all specifications TMIN to TMAX unless otherwise noted.)
Parameter
Min
Typ
Max
Unit
Test Conditions
POWER REQUIREMENTS
1
AVDD/DVDD
4.75
5
5.25
V
Normal Power Mode
IDAC
2
4mA
RSET = 1.2 k
Ω, RL = 300 Ω
IDSC
3
34
mA
IADC
4
21
mA
Sleep Mode
Current
100
µARSET = 1.2 kΩ, RL = 300 Ω
PSU Rejection Ratio
DACs
0.01
0.5
%/%
COMP = 0.1
µF
Video ADC
0.01
0.5
%/%
Aux ADC
TBD
TBD
TBD
TBD
Power-Up Time
TBD
TBD
Ref. power-up time
MPU PORT—I
2C5
SCLOCK Frequency
0
400
kHz
SCLOCK High Pulsewidth, t1
0.6
µs
SCLOCK Low Pulsewidth, t2
1.3
µs
Hold Time (Start Condition), t3
0.6
µs
After this period the first clock is
generated.
Setup Time (Start Condition), t4
0.6
µs
Relevant for Repeated Start Condition
Data Setup Time, t5
100
ns
SDATA, SCLOCK Rise Time, t6
300
ns
SDATA, SCLOCK Fall Time, t7
300
ns
Setup Time (Stop Condition), t8
0.6
µs
MPU PORT—SPI5, 6
SCLOCK Frequency
0
10
MHz
SCLOCK High Pulsewidth, t21
TBD
TBD
kHz
SCLOCK Low Pulsewidth, t22
TBD
TBD
ns
SI Data Setup Time, t20
TBD
TBD
ns
SI Data Hold Time, t19
TBD
TBD
ns
RESET Low Time
100
ns
NOTES
1All DACs and ADCs on.
2I
DAC is the DAC supply current.
3I
DSC is the digital core supply current.
4I
ADC is the ADC supply current.
5TTL input values are 0 V to 3 V, with input rise/fall times
≤3 ns, as measured between the 10% and 90% points.
Timing reference points at 50% for inputs and outputs.
6See SPI timing diagram Figures 10 and 11.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com