Electronic Components Datasheet Search
  English  ▼

X  

TPS56921 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS56921
Description  4.5V to 17V Input, 9A Synchronous Step Down SWIFT Converter With VID Control
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS56921 Datasheet(HTML) 5 Page - Texas Instruments

  TPS56921 Datasheet HTML 1Page - Texas Instruments TPS56921 Datasheet HTML 2Page - Texas Instruments TPS56921 Datasheet HTML 3Page - Texas Instruments TPS56921 Datasheet HTML 4Page - Texas Instruments TPS56921 Datasheet HTML 5Page - Texas Instruments TPS56921 Datasheet HTML 6Page - Texas Instruments TPS56921 Datasheet HTML 7Page - Texas Instruments TPS56921 Datasheet HTML 8Page - Texas Instruments TPS56921 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
TPS56921
www.ti.com
SLVSBL4 – OCTOBER 2012
ELECTRICAL CHARACTERISTICS (continued)
TJ = –40°C to 125°C, VIN = 4.5V to 17V, PVIN = 1.6V to 17V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SERIAL INTERFACE (SDA AND SCL PINS)(2)(3)
LOW level input voltage, VIL
0.9
V
HIGH level input voltage, VIH
2.5
V
Hysteresis of schmitt trigger inputs, Vhys
0.16
V
LOW level SDA output voltage (Open drain, 3mA
0.4
V
sink current), VOL1
Pulse width of spikes suppressed by input filter,
50
ns
tSP
SCL clock frequency, fscl
400
kHz
Hold time (repeated) START condition, tHD;STA
0.6
µs
LOW period of SCL clock, tLOW
1.3
µs
HIGH period of SCL clock, tHIGH
0.6
µs
Set-up time for a repeated START condition,
0.6
µs
tSU;STA
Data hold time, tHD;DAT
50
900
ns
Data set-up time, tSU;DAT
100
ns
Rise time (SDA or SCL), tr
20+0.1Cb(4)
300
ns
Fall time (SDA or SCL), tf
20+0.1Cb(4)
300
ns
Set-up time for STOP condition, tSU;STO
0.6
µs
Bus free time between STOP and START
1.3
µs
condition, tBUF
Capacitive load for each bus line, Cb
400
pF
(2)
Refer to the I2C Timing diagram below for I2C Timing Definitions
(3)
Specified by design. Not tested in production.
(4)
Cb = capacitance of bus line in pF
I2C Timing Definitions (Reproduced from Philips I2C specification Version 1.1)
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links :TPS56921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com