Electronic Components Datasheet Search
  English  ▼

X  

TPS56921 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS56921
Description  4.5V to 17V Input, 9A Synchronous Step Down SWIFT Converter With VID Control
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS56921 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS56921 Datasheet HTML 7Page - Texas Instruments TPS56921 Datasheet HTML 8Page - Texas Instruments TPS56921 Datasheet HTML 9Page - Texas Instruments TPS56921 Datasheet HTML 10Page - Texas Instruments TPS56921 Datasheet HTML 11Page - Texas Instruments TPS56921 Datasheet HTML 12Page - Texas Instruments TPS56921 Datasheet HTML 13Page - Texas Instruments TPS56921 Datasheet HTML 14Page - Texas Instruments TPS56921 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
TPS56921
www.ti.com
SLVSBL4 – OCTOBER 2012
OVERVIEW
The TPS56921 is a 17-V, 9-A, synchronous step-down (buck) converter with two integrated n-channel
MOSFETs. To improve performance during line and load transients the TPS56921 implements a fixed frequency,
peak current mode control which also simplifies external frequency compensation. The output voltage of the
TPS56921 can be set by either VSENSE with divider resistors (Adjusting the Output Voltage by External
Regulation Mode) or I2C compatible interface (Programming the Output Voltage by Internal Regulation Mode) to
as low as the 0.8V reference voltage in external regulation mode or 0.72V in internal regulation mode. It operates
in CCM (Continuous current mode) at any load conditions unless the COMP pin voltage drops below the COMP
pin start switching threshold (typically 0.25V).
The wide switching frequency of 200 kHz to 1600 kHz allows for efficiency and size optimization when selecting
the output filter components. The RT/CLK pin is dual-functional with two modes. In RT mode, the switching
frequency is adjusted using a resistor to ground on the RT/CLK pin. In CLK mode, the TPS56921 can be
controlled by the RT/CLK pin to synchronize the switching cycle to the falling edge of an external system clock.
The TPS56921 has been designed for safe startup into pre-biased outputs. The default start up is when VIN is
typically 4.0V. The EN pin has an internal pull-up current source that can be used to adjust the input voltage
under-voltage lockout (UVLO) with two external resistors. In addition, the EN pin can be floating for the
TPS56921 to operate with the internal pull up current. The total operating current for the TPS56921 is
approximately 770
μA when not switching and under no load. When the TPS56921 is disabled, the supply current
is typically less than 2
μA.
The integrated MOSFETs allow for high efficiency power supply designs with continuous output currents up to 9
amperes. The MOSFETs have been sized to optimize efficiency for lower duty cycle applications.
The TPS56921 reduces the external component count by integrating the boot recharge circuit. The bias voltage
for the integrated high-side MOSFET is supplied by a capacitor between the BOOT and PH pins. The bootstrap
voltage is monitored by a BOOT to PH UVLO (BOOT-PH UVLO) circuit allowing PH pin to be pulled low to
recharge the boot capacitor. The TPS56921 can operate at 100% duty cycle as long as the boot capacitor
voltage is higher than the preset BOOT-PH UVLO threshold which is typically 2.1V.
The TPS56921 has a power good comparator (PWRGD) with hysteresis which monitors the output voltage
through the VSENSE pin. The PWRGD pin is an open drain MOSFET which is pulled low when the VSENSE pin
voltage is less than 92% or greater than 106% of the internal reference voltage and asserts high when it is 94%
to 104% of the internal reference voltage.
The slow start (SS) pin is used to minimize inrush currents or provide power supply sequencing during power up.
A small value capacitor or resistor divider should be coupled to the pin for slow start or critical power supply
sequencing requirements.
The TPS56921 is protected from output overvoltage, overcurrent and overheat conditions. The TPS56921
minimizes excessive output overvoltage transients by taking advantage of the overvoltage circuit power good
comparator. When the overvoltage comparator is activated, the high-side MOSFET is turned off and prevented
from turning on until the VSENSE pin voltage is lower than 104% of the Vref. The TPS56921 implements both
high-side MOSFET overload protection and bidirectional low-side MOSFET overload protections which help
control the inductor current and avoid current runaway. If the overcurrent condition has lasted for more than the
hiccup wait time, the TPS56921 will shut down and re-start after the hiccup time. The TPS56921 also shuts down
if the junction temperature is higher than thermal shutdown trip point. When the junction temperature drops 10°C
typically below the thermal shutdown trip point, the built-in thermal shutdown hiccup timer is triggered. The
TPS56921 will be restarted under control of the slow start circuit automatically after the thermal shutdown hiccup
time is over.
Furthermore, if the overcurrent condition has lasted for more than the hiccup wait time which is programmed for
512 switching cycles, the TPS56921 will shut down itself and re-start after the hiccup time which is set for 16384
cycles. The hiccup mode helps to reduce the device power dissipation under severe overcurrent conditions.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links :TPS56921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com