Electronic Components Datasheet Search
  English  ▼

X  

TPS56921 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TPS56921
Description  4.5V to 17V Input, 9A Synchronous Step Down SWIFT Converter With VID Control
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS56921 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TPS56921 Datasheet HTML 24Page - Texas Instruments TPS56921 Datasheet HTML 25Page - Texas Instruments TPS56921 Datasheet HTML 26Page - Texas Instruments TPS56921 Datasheet HTML 27Page - Texas Instruments TPS56921 Datasheet HTML 28Page - Texas Instruments TPS56921 Datasheet HTML 29Page - Texas Instruments TPS56921 Datasheet HTML 30Page - Texas Instruments TPS56921 Datasheet HTML 31Page - Texas Instruments TPS56921 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
¦
p ´
´
Iout m ax
p m od =
2
Vout
Cout
R10 Vref
R11
Vo
Vref
×
=
-
Tss(mS) Iss( A)
C5(nF) =
Vref(V)
m
g
TPS56921
SLVSBL4 – OCTOBER 2012
www.ti.com
voltage rail to sag. Limiting the output voltage slew rate solves both of these problems. The soft start capacitor
value can be calculated using Equation 24. For the example circuit, the soft start time is not too critical since the
output capacitor value is 2 x 100
μF which does not require much current to charge to 1.1 V. The example circuit
has the soft start time set to an arbitrary value of 3.5 ms which requires a 10 nF capacitor. In TPS56921, Iss is
2.3 µA and Vref is 0.8V.
(24)
Bootstrap Capacitor Selection
A 0.1 µF ceramic capacitor must be connected between the BOOT to PH pin for proper operation. It is
recommended to use a ceramic capacitor with X5R or better grade dielectric. The capacitor should have 10V or
higher voltage rating.
Under Voltage Lockout Set Point
The Under Voltage Lock Out (UVLO) can be adjusted using the external voltage divider network of R1 and R2.
R1 is connected between VIN and the EN pin of the TPS56921 and R2 is connected between EN and GND .
The UVLO has two thresholds, one for power up when the input voltage is rising and one for power down or
brown outs when the input voltage is falling. For the example design, the minimum input voltage is 4.5 V, so the
internal UVLO thresholds are used and R1 and R2 are open. Equation 3 and Equation 4 can be used to
calculate the values for the upper and lower resistor values.
Output Voltage Feedback Resistor Selection
The resistor divider network R10 and R11 is used to set the output voltage. For the example design, 10 k
Ω was
selected for R10. Using Equation 25, R11 is calculated as 26.67 k
Ω. The nearest standard 1% resistor is 26.7
k
Ω.
(25)
Compensation Component Selection
There are several possible methods to design closed loop compensation for dc/dc converters. For the ideal
current mode control, the design equations can be easily simplified. The power stage gain is constant at low
frequencies, and rolls off at -20 dB/decade above the modulator pole frequency. The power stage phase is 0
degrees at low frequencies and starts to fall one decade below the modulator pole frequency reaching a
minimum of -90 degrees one decade above the modulator pole frequency. The modulator pole is a simple pole
shown in Equation 26
(26)
For the TPS56921 most circuits will have relatively high amounts of slope compensation. As more slope
compensation is applied, the power stage characteristics will deviate from the ideal approximations. The phase
loss of the power stage will now approach -180 degrees, making compensation more difficult. The power stage
transfer function can be solved but it is a tedious hand calculation that does not lend itself to simple
approximations. It is best to use Pspice or TINA-TI to accurately model the power stage gain and phase so that a
reliable compensation circuit can be designed. That is the technique used in this design procedure. Using the
pspice model of (insert link here). Apply the values calculated previously to the output filter components of L1, C9
and C10. Set Rload to the appropriate value. For this design, L1 = 1.0 µH. C9 and C10 are set to 100µF each,
and the ESR is set to 3 m
Ω. The Rload resistor is 1.1 V / 4 A = 275 mΩ for approximately one half rated load.
Now the power stage characteristic can be plotted as shown in Figure 26.
28
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links :TPS56921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com