Electronic Components Datasheet Search
  English  ▼

X  

TPS56921 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS56921
Description  4.5V to 17V Input, 9A Synchronous Step Down SWIFT Converter With VID Control
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS56921 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS56921 Datasheet HTML 12Page - Texas Instruments TPS56921 Datasheet HTML 13Page - Texas Instruments TPS56921 Datasheet HTML 14Page - Texas Instruments TPS56921 Datasheet HTML 15Page - Texas Instruments TPS56921 Datasheet HTML 16Page - Texas Instruments TPS56921 Datasheet HTML 17Page - Texas Instruments TPS56921 Datasheet HTML 18Page - Texas Instruments TPS56921 Datasheet HTML 19Page - Texas Instruments TPS56921 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
Css(nF)
Vref(V)
Tss(ms) =
Iss( A)
´
m
RT/CLK
TPS54622
Rrt
RT/CLK
mode select
TPS56921
TPS56921
SLVSBL4 – OCTOBER 2012
www.ti.com
In applications where both RT mode and CLK mode are needed, the device can be configured as shown in
Figure 20. Before the external clock is present, the device works in RT mode and the switching frequency is set
by RT resistor. When the external clock is present, the CLK mode overrides the RT mode. The first time the
SYNC pin is pulled above the RT/CLK high threshold (2.0V), the device switches from the RT mode to the CLK
mode and the RT/CLK pin becomes high impedance as the PLL starts to lock onto the frequency of the external
clock. It is not recommended to switch from the CLK mode back to the RT mode because the internal switching
frequency drops to 100kHz first before returning to the switching frequency set by RT resistor.
Figure 20. Works with Both RT mode and CLK mode
Slow Start (SS)
The device uses the lower voltage of the internal voltage reference or the SS pin voltage as the reference
voltage and regulates the output accordingly. A capacitor on the SS pin to ground implements a slow start time.
The device has an internal pull-up current source of 2.3
μA that charges the external slow start capacitor. The
calculations for the slow start time (Tss, 10% to 90%) and slow start capacitor (Css) are shown in Equation 6.
The voltage reference (Vref) is 0.8 V and the slow start charge current (Iss) is 2.3
μA.
(6)
When the input UVLO is triggered, the EN pin is pulled below 1.21V, or a thermal shutdown event occurs the
device stops switching and enters low current operation. At the subsequent power up, when the shutdown
condition is removed, the device does not start switching until it has discharged its SS pin to ground ensuring
proper soft start behavior.
Power Good (PWRGD)
The PWRGD pin is an open drain output. Once the VSENSE pin is between 94% and 104% of the internal
voltage reference the PWRGD pin pull-down is de-asserted and the pin floats. It is recommended to use a pull-
up resistor between the values of 10k
Ω and 100kΩ to a voltage source that is 5.5V or less. The PWRGD is in a
defined state once the VIN input voltage is greater than 1V but with reduced current sinking capability. The
PWRGD achieves full current sinking capability once the VIN input voltage is above 4.5V.
The PWRGD pin is pulled low when VSENSE is lower than 92% or greater than 106% of the nominal internal
reference voltage. Also, the PWRGD is pulled low, if the input UVLO or thermal shutdown are asserted, the EN
pin is pulled low or the SS pin is below 1.4V.
In internal regulation mode, to avoid PWRGD jitters due to large jumps in the I2C-controlled Vout setting, it is
possible to “blank” the PWRGD being pulled down for some number of CLK cycles. Please refer to Explanation
of Special Codes - PWRGD Blanking Control Codes for the details.
Bootstrap Voltage (BOOT) and Low Dropout Operation
The device has an integrated boot regulator, and requires a small ceramic capacitor between the BOOT and PH
pins to provide the gate drive voltage for the high-side MOSFET. The boot capacitor is charged when the BOOT
pin voltage is less than VIN and BOOT-PH voltage is below regulation. The value of this ceramic capacitor
should be 0.1
μF. A ceramic capacitor with an X7R or X5R grade dielectric with a voltage rating of 10V or higher
is recommended because of the stable characteristics over temperature and voltage.
16
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links :TPS56921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com