Electronic Components Datasheet Search
  English  ▼

X  

TPS56921 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TPS56921
Description  4.5V to 17V Input, 9A Synchronous Step Down SWIFT Converter With VID Control
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS56921 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TPS56921 Datasheet HTML 28Page - Texas Instruments TPS56921 Datasheet HTML 29Page - Texas Instruments TPS56921 Datasheet HTML 30Page - Texas Instruments TPS56921 Datasheet HTML 31Page - Texas Instruments TPS56921 Datasheet HTML 32Page - Texas Instruments TPS56921 Datasheet HTML 33Page - Texas Instruments TPS56921 Datasheet HTML 34Page - Texas Instruments TPS56921 Datasheet HTML 35Page - Texas Instruments TPS56921 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
Top side power PGND
PVIN
VIN
PH
VOUT
Output inductor
Output capacitors
BOOT
Capacitor
Analog AGND
on internal layer
Feedback trace
VIN trace to EN
divider on internal
layer
Vias to AGND
Connect AGND
to PGND at a
single point
Set point
divider
network
RT resistor
Exposed
thermal pad
Vias to
internal
PGND
PVIN input
bypass
capacitors
VIN input
bypass
capacitor
SS
capacitor
Compen-
sation
network
EN
divider
Normally
connected
to PVIN
Vias to internal PGND
Vias to
internal
PGND
I2C I/F
Connect I2C
A0 and A1 to
AGND
PWRGD
TPS56921
SLVSBL4 – OCTOBER 2012
www.ti.com
PCB Layout Guidelines
Layout is a critical portion of good power supply design. See Figure 39 for a PCB layout example. The top layer
contains the main power traces for VIN, VOUT, and PH (switching node). Also on the top layer are connections
for the remaining pins of the TPS56921 and a large top side area filled with ground. The top layer ground area
should be connected to the internal ground layer(s) using vias at the input bypass capacitor, the output filter
capacitor and directly under the TPS56921. The vias under the device provide a thermal path from the exposed
thermal pad land to ground additional vias are included adjacent to the exposed thermal pad. The GND pins
should be tied directly to the power pad under the IC and the power pad. For operation at full rated load, the top
side ground area together with the internal and / or bottom side ground planes, must provide adequate heat
dissipating area. There are several signals paths that conduct fast changing currents or voltages that can interact
with stray inductance or parasitic capacitance to generate noise or degrade the power supplies performance. To
help eliminate these problems, the PVIN pin should be bypassed to ground with a low ESR ceramic bypass
capacitor with X5R or X7R dielectric. Care should be taken to minimize the loop area formed by the bypass
capacitor connections, the PVIN pins, and the ground connections. The VIN pin must also be bypassed to
ground using a low ESR ceramic capacitor with X5R or X7R dielectric. Since the PH connection is the switching
node, the output inductor should be located close to the PH pins, and the area of the PCB conductor minimized
to prevent excessive capacitive coupling. The output filter capacitor ground should use the same power ground
trace as the PVIN input bypass capacitor. Try to minimize this conductor length while maintaining adequate
width. The small signal components should be grounded to a separate analog ground path as shown. In this
example, the analog ground (AGND) is located on an internal layer. Connect the AGND and PGND together at a
single point only. The RT/CLK pin is sensitive to noise so the RT resistor should be located as close as possible
to the IC and routed with minimal lengths of trace. The additional external components can be placed
approximately as shown. The VOUT pin is required to be connected to the output voltage if the serial interface is
used to set the output voltage. The A0 and A1 lines should both be connected to AGND. It may be possible to
obtain acceptable performance with alternate PCB layouts, however this layout has been shown to produce good
results and is meant as a guideline.
Land pattern and stencil information is provided in the data sheet addendum.
Figure 39. PCB Layout
32
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links :TPS56921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com