Electronic Components Datasheet Search
  English  ▼

X  

TPS56921 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TPS56921
Description  4.5V to 17V Input, 9A Synchronous Step Down SWIFT Converter With VID Control
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS56921 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS56921 Datasheet HTML 14Page - Texas Instruments TPS56921 Datasheet HTML 15Page - Texas Instruments TPS56921 Datasheet HTML 16Page - Texas Instruments TPS56921 Datasheet HTML 17Page - Texas Instruments TPS56921 Datasheet HTML 18Page - Texas Instruments TPS56921 Datasheet HTML 19Page - Texas Instruments TPS56921 Datasheet HTML 20Page - Texas Instruments TPS56921 Datasheet HTML 21Page - Texas Instruments TPS56921 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
TPS56921
SLVSBL4 – OCTOBER 2012
www.ti.com
Programming the Output Voltage by Internal Regulation Mode
On the TPS56921, the serial bus is inactive until the chip is enabled and the soft start time has elapsed. Until
then, the serial bus will ignore communications and will not acknowledge. During this time, the TPS56921’s
output voltage will be determined by the external resistor divider feedback to the VSENSE pin. When SS crosses
1.2V the serial interface becomes active and the user may program VOUT by writing to the interface via SDA
and SCL. On the first successful I2C write, the device switches to internal regulation mode. In internal regulation
mode, the VOUT pin serves as the feedback path, and the VSENSE pin voltage is ignored.
I
2C Compatible Interface
The TPS56921 implements a subset of the Philips I2C specification Ver. 1.1. The TPS56921 is a slave-only (it
does not write data to the I2C bus), and a complete I2C transaction consists of writing the TPS56921’s 8-bit
address / direction byte followed by a single 8-bit data byte. Long-form address modes and multi-byte data
transfers are not supported in this implementation. If the TPS56921 fails to acknowledge either of these two
bytes, the master should consider the transfer to be a failure, and should issue a STOP command and try again.
The serial interface pins are composed of the SDA (Data) and SCL (Clock) pins, and the A0 and A1 pins to set
up the chip’s address. SDA and SCL are designed to be used with pullup resistors to 3.3V. A0 and A1 are
designed to be either grounded (logic LOW) or left open (logic HIGH) and should not tie to a high voltage.
I
2C Compatible Protocol
Input voltage
Logic levels for the serial interface are not fixed. For the TPS56921, a logic “0” (LOW) should be 0V and a logic
“1” (HIGH) can be any voltage between 2.5V and 3.3V. Logic HIGH is generated by external pullup resistors (see
next paragraph).
Output voltage
The serial bus has external pullup resistors, one for SCL and one for SDA. These pull up to a voltage called VDD
which must lie between 2.5V and 3.3V. The outputs are pulled down to their logic LOW levels by open-drain
outputs and pulled up to their logic HIGH levels by these external pullups. The pullups must be selected so that
the current into any chip when pulled LOW by that chip’s open drain output (=VDD/RPULLUP) is less than 3mA.
Data format
One clock pulse on the SCL clock line is generated for each bit of data to be transferred. The data on the SDA
line must be stable during the HIGH period of the SCK clock line. The HIGH or LOW state of the data line can
only change when the clock signal on the SCL line is LOW. The MSB of the address and data bytes are sent
first, that is D[6] of the address byte and the ChkSum bit for the data byte.
Start and Stop conditions
A HIGH to LOW transition on the SDA line while the SCL line is HIGH defines a START condition. A LOW to
HIGH transition on the SDA line while the SCL line is HIGH defines a STOP condition. START and STOP
conditions are always generated by the Master. The bus is considered to be BUSY after the condition. It is
considered to be free again after a minimum of 1.3µS after the STOP condition.
The bus stays busy if a repeated START (Sr) is generated instead of a STOP condition. START and repeated
START are functionally identical.
Every byte of data out on the SDA line is 8 bits long. 9 clocks occur for each byte (the additional clock being for
an ACK signal put onto the bus by the TPS56921 pulling down on the bus to acknowledge receipt of the data).
Exactly two bytes should be transferred to the TPS56921 per transfer, a 7-bit address and R/W byte followed by
a data byte as shown in the following waveform:
18
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links :TPS56921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com