Electronic Components Datasheet Search
  English  ▼

X  

TPS56921 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TPS56921
Description  4.5V to 17V Input, 9A Synchronous Step Down SWIFT Converter With VID Control
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS56921 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPS56921 Datasheet HTML 25Page - Texas Instruments TPS56921 Datasheet HTML 26Page - Texas Instruments TPS56921 Datasheet HTML 27Page - Texas Instruments TPS56921 Datasheet HTML 28Page - Texas Instruments TPS56921 Datasheet HTML 29Page - Texas Instruments TPS56921 Datasheet HTML 30Page - Texas Instruments TPS56921 Datasheet HTML 31Page - Texas Instruments TPS56921 Datasheet HTML 32Page - Texas Instruments TPS56921 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
CO
1
C6 =
2
R7 10 F
× p ×
×
×
CO
1
C7 =
F
2
R7
10
× p ×
×
PWRSTG
G
20
REF
EA
OUT
V
10
R7 =
gm
V
-
×
-180
-120
-60
0
60
120
180
-60
-40
-20
0
20
40
60
1.00E+01
1.00E+02
1.00E+03
1.00E+04
1.00E+05
1.00E+06
Frequency - Hz
C005
Gain
Phase
Power stage gain = -3.41dB @ 50 kHz
TPS56921
www.ti.com
SLVSBL4 – OCTOBER 2012
Figure 26. Power stage Gain and Phase Characteristics
For this design, the intended crossover frequency is 50 kHz. From the power stage gain and phase plots, the
gain at 50 kHz is -3.41 dB and the phase is about -110 degrees. For 60 degrees of phase margin, additional
phase boost from a feed forward capacitor in parallel with the upper resistor of the voltage set point divider is not
needed. R7 sets the gain of the compensated error amplifier to be equal and opposite the power stage gain at
crossover. The required value of R7 can be calculated from Equation 27.
(27)
To maximize phase gain, the compensator zero is placed one decade below the crossover frequency of 50 kHz.
The required value for C7 is given by Equation 28.
(28)
To maximize phase gain the high frequency pole is placed one decade above the crossover frequency of 50 kHz.
The pole can also be useful to offset the ESR of aluminum electrolytic output capacitors. The value for C6 can be
calculated from Equation 29.
(29)
For this design the calculated values for the compensation components are R7 = 1.58 k
Ω ,C7 = 0.022 µF and C6
= 220 pF.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links :TPS56921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com