Electronic Components Datasheet Search
  English  ▼

X  

TPS56921 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TPS56921
Description  4.5V to 17V Input, 9A Synchronous Step Down SWIFT Converter With VID Control
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS56921 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS56921 Datasheet HTML 15Page - Texas Instruments TPS56921 Datasheet HTML 16Page - Texas Instruments TPS56921 Datasheet HTML 17Page - Texas Instruments TPS56921 Datasheet HTML 18Page - Texas Instruments TPS56921 Datasheet HTML 19Page - Texas Instruments TPS56921 Datasheet HTML 20Page - Texas Instruments TPS56921 Datasheet HTML 21Page - Texas Instruments TPS56921 Datasheet HTML 22Page - Texas Instruments TPS56921 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
Always 0 for
TPS56921
TPS56921
www.ti.com
SLVSBL4 – OCTOBER 2012
A Complete Address and Data Transfer - Adapted from Philips I2C Specification
When the TPS56921 receives an address code it recognizes to be its own, it will respond by sending an ACK
(pulling down on the SDA bus during clock 9 on the SCL bus). If the address is not recognized, the TPS56921
assumes that the I2C message is intended for another chip on the bus, and it takes no action. It will disregard
data sent thereafter until the next START is begun.
If, after recognizing its address, the TPS56921 receives a valid data byte (checked by comparing the ChkSum
sent to the D[6:0] data), it will send an ACK and will set the output voltage to the desired value. If the byte is
deemed invalid, ACK will not be sent and the Master will need to retry by sending a new START sequence and
an initiating resend of the entire address/data packet.
I
2C Address Byte
The 7-bit address of the TPS56921 can be any number between 34h (0110100) and 37h (0110111). The 5
MSBs are set internally and the 2 LSBs are customer-selectable via the A1 and A0 pins, allowing up to 4
TPS56921s to be controlled on the same serial bus. When the Master is sending the address as an 8-bit value,
the 7-bit address should be sent followed by a trailing 0 to indicate this is a WRITE operation. The following
codes assume this trailing zero.
Table 1. TPS56921 Address as a Function of A1 and A0 Pins
A1
A0
TPS56921 Address (binary)
TPS56921 Address (hex)
Ground (0)
Ground (0)
01101000
68h
Ground (0)
Open (1)
01101010
6Ah
Open (1)
Ground (0)
01101100
6Ch
Open (1)
Open (1)
01101110
6Eh
I
2C Data Byte
The 8 bits of data sent over the serial bus controls the VOUT of the TPS56921. After the SoftStart time has
elapsed (SS pin voltage goes above approx. 1.23V), the serial interface becomes active and the user may
program VOUT by writing to the interface. The data is structured thus:
Table 2. Structure of TPS56921 Data byte
8
7
6
5
4
3
2
1
ChkSum
D6
D5
D4
D3
D2
D1
D0
D[6:0] – These bits are the 7-bit selector for one of 77 output voltages. The voltages are selected from the
following table:
Table 3. Ideal VOUT vs. Code
Code
Binary
VOUT
Code
Binary
VOUT
Code
Binary
VOUT
0
0000000
0.720
26
0011010
0.980
52
0110100
1.240
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links :TPS56921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com