Electronic Components Datasheet Search
  English  ▼

X  

TPS56921 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS56921
Description  4.5V to 17V Input, 9A Synchronous Step Down SWIFT Converter With VID Control
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS56921 Datasheet(HTML) 3 Page - Texas Instruments

  TPS56921 Datasheet HTML 1Page - Texas Instruments TPS56921 Datasheet HTML 2Page - Texas Instruments TPS56921 Datasheet HTML 3Page - Texas Instruments TPS56921 Datasheet HTML 4Page - Texas Instruments TPS56921 Datasheet HTML 5Page - Texas Instruments TPS56921 Datasheet HTML 6Page - Texas Instruments TPS56921 Datasheet HTML 7Page - Texas Instruments TPS56921 Datasheet HTML 8Page - Texas Instruments TPS56921 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
TPS56921
www.ti.com
SLVSBL4 – OCTOBER 2012
THERMAL INFORMATION
TPS56921
THERMAL METRIC(1)(2)
UNITS
HTSSOP (20 PINS)
θJA
Junction-to-ambient thermal resistance
39.4
θJA
Junction-to-ambient thermal resistance(3)
26
θJCtop
Junction-to-case (top) thermal resistance
26.5
θJB
Junction-to-board thermal resistance
23.1
°C/W
ψJT
Junction-to-top characterization parameter
0.8
ψJB
Junction-to-board characterization parameter
22.8
θJCbot
Junction-to-case (bottom) thermal resistance
2.1
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
Power rating at a specific ambient temperature TA should be determined with a junction temperature of 125°C. This is the point where
distortion starts to substantially increase. Thermal management of the PCB should strive to keep the junction temperature at or below
125°C for best performance and long-term reliability. See power dissipation estimate in application section of this data sheet for more
information.
(3)
Test board conditions:
(a) 3 inches × 3 inches, 4 layers, thickness: 0.062 inch
(b) 2 oz. copper traces located on the top of the PCB
(c) 2 oz. copper ground planes on the 2 internal layers and bottom layer of the PCB
(d) 21 thermal vias located under the device package and 9 of them located under the device exposed thermal pad
ELECTRICAL CHARACTERISTICS
TJ = –40°C to 125°C, VIN = 4.5V to 17V, PVIN = 1.6V to 17V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE (VIN AND PVIN PINS)
PVIN operating input voltage
1.6
17
V
VIN operating input voltage
4.5
17
V
VIN internal UVLO threshold
VIN rising
4.0
4.5
V
VIN internal UVLO hysteresis
150
mV
VIN shutdown supply Current
EN = 0 V
2
7
μA
VIN operating – non switching supply current
VSENSE = 810 mV
770
1000
μA
ENABLE AND UVLO (EN PIN)
Enable threshold
Rising
1.21
1.26
V
Enable threshold
Falling
1.10
1.17
Input current
EN = 1.1 V
1.15
μA
Hysteresis current
EN = 1.3 V
3.3
μA
OUTPUT VOLTAGE
0 A
≤ IOUT ≤ 9 A
Voltage reference
Voltage at VSENSE pin in
0.792
0.
0.808
V
regulation before first I2C write
Relative to ideal VOUT after first
Ideal
Ideal VOUT
Ideal
Output Voltage
I2C write; (shown in Ideal VOUT
VOUT
V
–1.5%
VOUT
vs. Code table)
+1.5%
MOSFET
High-side switch resistance(1)
BOOT-PH = 3 V
30
60
m
Ω
High-side switch resistance(1)
BOOT-PH = 6 V
26
40
m
Ω
Low-side Switch Resistance(1)
19
30
m
Ω
ERROR AMPLIFIER
–2
μA < ICOMP < 2 μA,
Error amplifier Transconductance (gm)
1300
μMhos
V(COMP) = 1 V
Error amplifier dc gain (production test)
VSENSE = 0.8 V
1000
3000
V/V
(1)
Measured at pins
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links :TPS56921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com