Electronic Components Datasheet Search
  English  ▼

X  

TPS65281RGVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65281RGVR
Description  PRECISION ADJUSTABLE CURRENT LIMITED POWER DISTRIBUTION SWITCH WITH 4.5V TO 18V INPUT VOLTAGE, 3A OUTPUT CURRENT SYNCHRONOUS BUCK REGULATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65281RGVR Datasheet(HTML) 4 Page - Texas Instruments

  TPS65281RGVR Datasheet HTML 1Page - Texas Instruments TPS65281RGVR Datasheet HTML 2Page - Texas Instruments TPS65281RGVR Datasheet HTML 3Page - Texas Instruments TPS65281RGVR Datasheet HTML 4Page - Texas Instruments TPS65281RGVR Datasheet HTML 5Page - Texas Instruments TPS65281RGVR Datasheet HTML 6Page - Texas Instruments TPS65281RGVR Datasheet HTML 7Page - Texas Instruments TPS65281RGVR Datasheet HTML 8Page - Texas Instruments TPS65281RGVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Driver
Current
Limit
CS
Charge
Pump
4 ms Degl .
Time
UVLO
POR
10ms Degl .
Time
enable buffer
current sensing
reverse voltage
comparator
8
SW_OUT
nFAULT
6
5
EN_SW
SW_IN
9
7
AGND
POWER SWITCH
1 .25 M
16
EN
1 .25 M
5 V
VIN
14
LX
11
PGND
13
10
FB
2
COMP
0 .8 V
1 ms
Internal
Soft Start
Current Sensing
(0 .1 V/A)
CS
HS current sensing
CS
LS current sensing
Voltage Reference
Current Bias
LDO
BST
12
V7V
Preregulator
Buck
Controller
15
V7V
enable buffer
Oscillotor
3
ROSC
10 uA
1
SS
error amplifer
PWM comparator
HS driver
LS driver
BUCK
slope
comp
1. 25M
1. 25M
V7 V
RLIM
4
TPS65281, TPS65281-1
SLVSBH7B – JULY 2012 – REVISED DECEMBER 2012
www.ti.com
FUNCTION BLOCK DIAGRAM
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TPS65281 TPS65281-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com