Electronic Components Datasheet Search
  English  ▼

X  

TPS65281RGVR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65281RGVR
Description  PRECISION ADJUSTABLE CURRENT LIMITED POWER DISTRIBUTION SWITCH WITH 4.5V TO 18V INPUT VOLTAGE, 3A OUTPUT CURRENT SYNCHRONOUS BUCK REGULATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65281RGVR Datasheet(HTML) 2 Page - Texas Instruments

  TPS65281RGVR Datasheet HTML 1Page - Texas Instruments TPS65281RGVR Datasheet HTML 2Page - Texas Instruments TPS65281RGVR Datasheet HTML 3Page - Texas Instruments TPS65281RGVR Datasheet HTML 4Page - Texas Instruments TPS65281RGVR Datasheet HTML 5Page - Texas Instruments TPS65281RGVR Datasheet HTML 6Page - Texas Instruments TPS65281RGVR Datasheet HTML 7Page - Texas Instruments TPS65281RGVR Datasheet HTML 8Page - Texas Instruments TPS65281RGVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
TPS65281, TPS65281-1
SLVSBH7B – JULY 2012 – REVISED DECEMBER 2012
www.ti.com
The buck DC/DC converter integrates power MOSFETs for optimized power efficiency and reduced external
component count. A wide 4.5-V to 18-V input supply range to buck encompasses most intermediate bus voltages
operating off 5-V, 9-V, 12-V or 15-V power bus. Constant frequency peak current mode control simplifies the
compensation and provides fast transient response. The buck can be precisely sequenced and ramp up in order
to align with other rails in the system with the soft-start pin. With SS pin floating, the built-in 1ms soft-start time
prevents in-rush current. Cycle-by-cycle over current protection and hiccup operation limit MOSFET power
dissipation in short circuit or over loading fault conditions. The switching frequency of the converter can be
programmed from 300 kHz to 1.4 MHz with an external resistor at ROSC pin. With ROSC pin connecting to V7V
pin, floating, or grounding, a default fixed switching frequency can be selected to reduce an external resistor.
The TPS65281/TPS65281-1 is available in a 16-lead thermally enhanced QFN (RGV) 4-mm x 4-mm thin
package.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
TPS65281RGVR
TPS65281
TPS65281RGVT
–40°C to 85°C
16-Pin QFN (RGV)
TPS65281-1RGVR
TPS65281-1
TPS65281-1RGVT
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TPS65281 TPS65281-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com