Electronic Components Datasheet Search
  English  ▼

X  

TPS65281RGVR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65281RGVR
Description  PRECISION ADJUSTABLE CURRENT LIMITED POWER DISTRIBUTION SWITCH WITH 4.5V TO 18V INPUT VOLTAGE, 3A OUTPUT CURRENT SYNCHRONOUS BUCK REGULATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65281RGVR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS65281RGVR Datasheet HTML 8Page - Texas Instruments TPS65281RGVR Datasheet HTML 9Page - Texas Instruments TPS65281RGVR Datasheet HTML 10Page - Texas Instruments TPS65281RGVR Datasheet HTML 11Page - Texas Instruments TPS65281RGVR Datasheet HTML 12Page - Texas Instruments TPS65281RGVR Datasheet HTML 13Page - Texas Instruments TPS65281RGVR Datasheet HTML 14Page - Texas Instruments TPS65281RGVR Datasheet HTML 15Page - Texas Instruments TPS65281RGVR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
ISW _OUT
EN_SW
nFAULT
SW_OUT
ISW _OUT
Vout_Buck
nFAULT
SW_OUT
Vout _Buck
nFAULT
SW_OUT
ISW_OUT
ISW _OUT
EN_SW
nFAULT
SW_OUT
Vout _Buck
EN_SW
nFAULT
SW_OUT
Vout _Buck
EN_SW
nFAULT
SW_OUT
TPS65281, TPS65281-1
SLVSBH7B – JULY 2012 – REVISED DECEMBER 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
TJ = 25°C, VIN = 12 V, fSW = 600 kHz, RnFAULT = 100 kΩ (unless otherwise noted)
Figure 18. Power Switch Turn On Delay and Rise Time
Figure 19. Power Switch Turn Off Delay and Fall Time
Figure 20. Power Switch Hard Short
Figure 21. Power Switch Starts up to Short Circuit
(Latch Off Version)
(Latch Off Version)
Figure 22. Power Switch No Load to 2-
Ω Resistor
Figure 23. Power Switch Response Time (TIOS) to Output
Hard Short
(Latch Off Version)
12
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TPS65281 TPS65281-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com