Electronic Components Datasheet Search
  English  ▼

X  

TPS65281RGVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65281RGVR
Description  PRECISION ADJUSTABLE CURRENT LIMITED POWER DISTRIBUTION SWITCH WITH 4.5V TO 18V INPUT VOLTAGE, 3A OUTPUT CURRENT SYNCHRONOUS BUCK REGULATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65281RGVR Datasheet(HTML) 1 Page - Texas Instruments

  TPS65281RGVR Datasheet HTML 1Page - Texas Instruments TPS65281RGVR Datasheet HTML 2Page - Texas Instruments TPS65281RGVR Datasheet HTML 3Page - Texas Instruments TPS65281RGVR Datasheet HTML 4Page - Texas Instruments TPS65281RGVR Datasheet HTML 5Page - Texas Instruments TPS65281RGVR Datasheet HTML 6Page - Texas Instruments TPS65281RGVR Datasheet HTML 7Page - Texas Instruments TPS65281RGVR Datasheet HTML 8Page - Texas Instruments TPS65281RGVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
TPS65281, TPS65281-1
www.ti.com
SLVSBH7B – JULY 2012 – REVISED DECEMBER 2012
PRECISION ADJUSTABLE CURRENT LIMITED POWER DISTRIBUTION SWITCH WITH 4.5V
TO 18V INPUT VOLTAGE, 3A OUTPUT CURRENT SYNCHRONOUS BUCK REGULATOR
Check for Samples: TPS65281, TPS65281-1
1
FEATURES
INTEGRATED POWER DISTRIBUTION SWITCH
INTEGRATED BUCK CONVERTER
•
Wide Input Voltage Range: 4.5 V to 18 V
•
Operating Input Voltage Range: 2.5 V to 6.5 V
•
Maximum Continuous 3-A Output Current
•
Adjustable Current Limit:
75 mA - 2.7 A (typical)
•
Feedback Reference Voltage: 0.8 V ±1 %
•
±6% Current-Limit Accuracy at 1.7 A (typical)
•
Adjustable 300-kHz to 1.4-MHz Switching
Frequency
•
Over Current Latch-Off Protection (TPS65281)
and Over Current Auto-Recovery (TPS65281-1)
•
Adjustable Soft Start and Tracking With
Built-In 1-ms Internal Soft-Start Time
•
Reverse Input-Output Voltage Protection
•
Cycle-by-Cycle Current Limit
•
Built-In Soft-Start
•
Output Over-voltage Protection
•
Integrated Back-to-Back Power MOSFETs With
100-m
Ω On-Resistance
•
16-Lead QFN (RGV) 4-mm x 4-mm Package
•
Over Temperature Protection
APPLICATIONS
xxx
xxx
•
USB Ports and Hubs
xxx
•
Digital TV
xxx
•
Set-Top Boxes
xxx
•
VOIP Phones
xxx
•
Tablet PC
xxx
xxx
xxx
DESCRIPTION/ORDERING INFORMATION
The TPS65281/TPS65281-1 incorporates an N-channel back-to-back power MOSFET switch and a monolithic
buck converter. The device is intended to provide a total power distribution solution for digital TV, set-top boxes,
tablet PC and VOIP phones etc applications, where precision current limiting is required or heavy capacitive load
or short circuit are encountered.
A 100-m
Ω independent power distribution switch limits the output current to a programmable current limit
threshold between typical 75 mA and 2.7 A by using an external resistor. The current limit accauracy as tight as
±6% can be achieved at higher current limit setting. TPS65281 provides circuit breaker functionality by latching
off the power switch during over-current or reverse-voltage situations. TPS65281-1 limits output current to a safe
level by using a constant current mode when the output load exceeds the current limit threshold. An internal
reverse-voltage comparator disables the power switch when the output voltage is driven higher than the input to
protect the device on the input side of the switch in normal operation. The nFAULT output asserts low under
over-current and reverse-voltage conditions. Back-to-back power MOSFETs structure prevents the reverse
current injection from an active load at output port during shutdown of power switch.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS65281RGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65281 TI-TPS65281_15 Datasheet
1Mb / 34P
PRECISION ADJUSTABLE CURRENT LIMITED POWER DISTRIBUTION SWITCH WITH 4.5V TO 18V INPUT VOLTAGE, 3A OUTPUT CURRENT SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - TPS65281RGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2551-Q1 TI1-TPS2551-Q1 Datasheet
1Mb / 26P
ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCH
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS65281 TI-TPS65281_15 Datasheet
1Mb / 34P
PRECISION ADJUSTABLE CURRENT LIMITED POWER DISTRIBUTION SWITCH WITH 4.5V TO 18V INPUT VOLTAGE, 3A OUTPUT CURRENT SYNCHRONOUS BUCK REGULATOR
TPS2559-Q1 TI1-TPS2559-Q1 Datasheet
3Mb / 27P
Precision Adjustable Current-Limited Power-Distribution Switch
TPS2559 TI1-TPS2559 Datasheet
3Mb / 29P
Precision Adjustable Current-Limited Power-Distribution Switch
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Nuvoton Technology Corp...
NCT3527U NUVOTON-NCT3527U Datasheet
926Kb / 18P
Adjustable Current-Limited, Power-Distribution Switch
logo
SG Micro Corp
SGM2553E SGMICRO-SGM2553E Datasheet
773Kb / 10P
Precision Adjustable Current Limited Power Distribution Switch
APRIL2018-REV.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com