Electronic Components Datasheet Search
  English  ▼

X  

TPS65281RGVR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65281RGVR
Description  PRECISION ADJUSTABLE CURRENT LIMITED POWER DISTRIBUTION SWITCH WITH 4.5V TO 18V INPUT VOLTAGE, 3A OUTPUT CURRENT SYNCHRONOUS BUCK REGULATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65281RGVR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS65281RGVR Datasheet HTML 12Page - Texas Instruments TPS65281RGVR Datasheet HTML 13Page - Texas Instruments TPS65281RGVR Datasheet HTML 14Page - Texas Instruments TPS65281RGVR Datasheet HTML 15Page - Texas Instruments TPS65281RGVR Datasheet HTML 16Page - Texas Instruments TPS65281RGVR Datasheet HTML 17Page - Texas Instruments TPS65281RGVR Datasheet HTML 18Page - Texas Instruments TPS65281RGVR Datasheet HTML 19Page - Texas Instruments TPS65281RGVR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
0
10
20
30
40
50
60
0
0.5
1
1.5
2
2.5
3
3.5
4
Current Limit Threshold (A)
1.016
25230 V
Iosmin
(mA)
RLIM
K
×
æ
ö
= ç
÷
× W
è
ø
0.977
23950 V
Iosnom
(mA)
RLIM
K
×
æ
ö
= ç
÷
× W
è
ø
0.94
22980 V
Iosmax
(mA)
RLIM
K
×
æ
ö
= ç
÷
× W
è
ø
TPS65281, TPS65281-1
SLVSBH7B – JULY 2012 – REVISED DECEMBER 2012
www.ti.com
Placing a high-value electrolytic capacitor on the output pin is recommended when large transient currents are
expected on the output.
Programming the Current-Limit Threshold
The over-current threshold is user programmable via an external resistor. The TPS65281/TPS65281-1 uses an
internal regulation loop to provide a regulated voltage on the RLIM pin. The current-limit threshold is proportional
to the current sourced out of RLIM. The recommended 1% resistor range for RLIM is 5 k
Ω ≤ RLIM ≤232 kΩ to
ensure stability of the internal regulation loop. Many applications require that the minimum current limit is above a
certain current level or that the maximum current limit is below a certain current level, so it is important to
consider the tolerance of the over-current threshold when selecting a value for RLIM. The following equations
and Figure 28 can be used to calculate the resulting over-current threshold for a given external resistor value
(RLIM). The traces routing the RLIM resistor to the TPS65281/TPS65281-1 should be as short as possible to
reduce parasitic effects on the current-limit accuracy.
RLIM can be selected to provide a current-limit threshold that occurs 1) above a minimum load current or
2) below a maximum load current.
Current-Limit Threshold Equations (IOS):
(1)
(2)
(3)
Where 15 k
Ω ≤ RLIM ≤ 232 kΩ.
While the maximum recommended value of RLIM is 232 k
Ω, there is one additional configuration that allows for a
lower current-limit threshold. The RLIM pin may be connected directly to SW_IN to provide a 1.2 A (typ) current-
limit threshold. Additional low-ESR ceramic capacitance may be necessary from SW_IN to AGND in this
configuration to prevent unwanted noise from coupling into the sensitive RLIM circuitry.
Figure 28. Current Limit Threshold (IOS) vs Current Limit Resistor (RLIM)
16
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TPS65281 TPS65281-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com