Electronic Components Datasheet Search
  English  ▼

X  

TPS65281RGVR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65281RGVR
Description  PRECISION ADJUSTABLE CURRENT LIMITED POWER DISTRIBUTION SWITCH WITH 4.5V TO 18V INPUT VOLTAGE, 3A OUTPUT CURRENT SYNCHRONOUS BUCK REGULATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65281RGVR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS65281RGVR Datasheet HTML 15Page - Texas Instruments TPS65281RGVR Datasheet HTML 16Page - Texas Instruments TPS65281RGVR Datasheet HTML 17Page - Texas Instruments TPS65281RGVR Datasheet HTML 18Page - Texas Instruments TPS65281RGVR Datasheet HTML 19Page - Texas Instruments TPS65281RGVR Datasheet HTML 20Page - Texas Instruments TPS65281RGVR Datasheet HTML 21Page - Texas Instruments TPS65281RGVR Datasheet HTML 22Page - Texas Instruments TPS65281RGVR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
TPS65281, TPS65281-1
www.ti.com
SLVSBH7B – JULY 2012 – REVISED DECEMBER 2012
USB Power Distribution Requirements
USB can be implemented in several ways regardless of the type of USB device being developed. Several power-
distribution features must be implemented.
SPHs must:
•
Current limit downstream ports
•
Report over-current conditions
BPHs must:
•
Enable/disable power to downstream ports
•
Power up at < 100 mA
•
Limit inrush current (< 44
Ω and 10 µF)
Functions must:
•
Limit inrush currents
•
Power up at < 100 mA
The feature set of the TPS65281 meets each of these requirements. The integrated current limiting and over-
current reporting is required by self-powered hubs. The logic-level enable and controlled rise times meet the
need of both input and output ports on bus-powered hubs and the input ports for bus-powered functions.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: TPS65281 TPS65281-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com