Electronic Components Datasheet Search
  English  ▼

X  

TPS65281RGVR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65281RGVR
Description  PRECISION ADJUSTABLE CURRENT LIMITED POWER DISTRIBUTION SWITCH WITH 4.5V TO 18V INPUT VOLTAGE, 3A OUTPUT CURRENT SYNCHRONOUS BUCK REGULATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65281RGVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS65281RGVR Datasheet HTML 2Page - Texas Instruments TPS65281RGVR Datasheet HTML 3Page - Texas Instruments TPS65281RGVR Datasheet HTML 4Page - Texas Instruments TPS65281RGVR Datasheet HTML 5Page - Texas Instruments TPS65281RGVR Datasheet HTML 6Page - Texas Instruments TPS65281RGVR Datasheet HTML 7Page - Texas Instruments TPS65281RGVR Datasheet HTML 8Page - Texas Instruments TPS65281RGVR Datasheet HTML 9Page - Texas Instruments TPS65281RGVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
TPS65281, TPS65281-1
SLVSBH7B – JULY 2012 – REVISED DECEMBER 2012
www.ti.com
TERMINAL FUNCTIONS
NAME
NO.
DESCRIPTION
SS
1
Soft-start and tracking input for buck converter. An internal 5-µA current source is connected to this pin. An
external soft-start can be programmed by connecting a capacitor between this pin and ground. Leave the pin
floating to have a default 1-ms of soft-start time. This pin allows the start-up of buck output to track an
external voltage using an external resistor divider at this pin.
COMP
2
Error amplifier output and Loop compensation pin for buck. Connect a series RC to compensate the control
loop of buck converter.
ROSC
3
Oscillator clock frequency control pin. Connect the pin to ground for a fixed 300-kHz switching frequency.
Connect the pin to V7V or float the pin for a fixed 600-kHz switching frequency. Other switch frequencies
between 300 kHz to 1.4 MHz can be programmed using a resistor connected from this pin to ground. A
internal 10-µA pull-up current develops a voltage to be used in oscillator. Directly applying the voltage to the
ROSC pin can linearly adjust the switching frequency.
RLIM
4
Power switch current limit control pin. An external resistor used to set current limit threshold of power switch.
Recommended 15 k
Ω ≤ RLIM ≤ 232 kΩ.
EN_SW
5
Enable pin of power switch. Logic high turns on power switch. Forcing the pin below 0.4 V shuts down power
switch. Not recommend floating this pin, though there is a 2.5-M
Ω pull-up resistor connecting this pin.
nFAULT
6
Active low open drain output, asserted in conditions when over-current happens for more than 10 ms or
reverse-voltage of power switch for more than 4 ms.
AGND
7
Analog ground common to buck controller and power switch controller. It must be routed separately from
high current power grounds to the (-) terminal of bypass capacitor of internal V7V LDO output.
SW_OUT
8
Power switch output pin
SW_IN
9
Power switch input pin
FB
10
Feedback sensing pin for buck output voltage. Connect this pin to the resistor divider of buck output. The
feedback reference voltage is 0.8 V±1%.
LX
11
Switching node connection to the internal power FETs, inductor and bootstrap capacitor for buck converter.
The voltage swing at this pin is from a diode voltage below the ground up to VIN voltage.
BST
12
Bootstrapped supply to the high side floating gate driver in buck converter. Connect a capacitor (recommend
47 nF) from BST pin to LX pin.
PGND
13
Power ground connection. Connect PGND pin as close as practical to the (-) terminal of input ceramic
capacitor.
VIN
14
Input power supply for buck. Connect VIN pin as close as practical to the (+) terminal of a input ceramic
capacitor (suggest 10 µF).
V7V
15
Internal LDO output. The internal gate driver for low side power MOSFET and control cirduits are powered
from this voltage. Decouple this pin to power ground with a minimum 1-µF ceramic capacitor. The output
voltage level of LDO is regulated to typical 6.3 V for optimal conduction on-resistances of internal power
MOSFETs.
EN
16
Enable for buck converter and the device. Logic high enables buck converter and bias supply to power
switches. Forcing the pin below 0.4 V shuts down the entire device, reducing the quiescent current to
approximate typical 7 µA. Not recommend floating this pin. The device can be automatically started up with
connecting EN pin to VIN though a 10 k
Ω resistor.
Power PAD
Exposed pad beneath the IC. Connect to the ground. Always solder power pad to the board, and have as
many thermal vias as possible on the PCB to enhance power dissipation. There is no ground or any other
electric signal downbonded to the pad inside the IC package.
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TPS65281 TPS65281-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com