Electronic Components Datasheet Search
  English  ▼

X  

SPRUG21 Datasheet(PDF) 42 Page - Texas Instruments

Part # SPRUG21
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG21 Datasheet(HTML) 42 Page - Texas Instruments

Back Button SPRUG21 Datasheet HTML 38Page - Texas Instruments SPRUG21 Datasheet HTML 39Page - Texas Instruments SPRUG21 Datasheet HTML 40Page - Texas Instruments SPRUG21 Datasheet HTML 41Page - Texas Instruments SPRUG21 Datasheet HTML 42Page - Texas Instruments SPRUG21 Datasheet HTML 43Page - Texas Instruments SPRUG21 Datasheet HTML 44Page - Texas Instruments SPRUG21 Datasheet HTML 45Page - Texas Instruments SPRUG21 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 214 page
background image
C64x+ DSP:
C6474
PREFIX
TMS
320
C6474
ZUN
TMX = Experimental device
TMS = Qualified device
DEVICE FAMILY
320 = TMS320
DSP family
ä
PACKAGE TYPE
(B)
CUN = 561-pin plastic BGA (lead-free die bump and solder balls)
GUN = 561-pin plastic BGA (leaded [Pb] solder balls)
ZUN = 561-pin plastic BGA (lead-free solder balls and leaded [Pb] die bumps)
DEVICE
DEVICE SPEED RANGE
Blank = 1 GHz
2 = 1.2 GHz
8 = 850 MHz
(
)
TEMPERATURE RANGE
Blank = 0 C to 100 C (default commercial temperature; 850-MHz and 1-GHz device)
Blank = 0°C to 95°C (default commercial temperature; 1.2-GHz device)
A = -40°C to 100°C (extended temperature; 1-GHz device)
A =
(extended temperature; 1.2-GHz device)
°
°
-40°C to 95°C
(
)
(
)
SILICON REVISION
(A)
F = Silicon Revision 2.1
TMS320C6474
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
www.ti.com
TI device nomenclature also includes a suffix with the device family name. This suffix indicates the
package type (for example, ZUN), the temperature range (for example, Blank is the default commercial
temperature range), and the device speed range in megahertz (for example, Blank is 1000 [1 GHz]).
Figure 2-11 provides a legend for reading the complete device name for any TMS320C64x+ DSP
generation member. For device part numbers and further ordering information for TMS320C6474 in the
CUN, GUN, or ZUN package type, see the TI website (www.ti.com) or contact your TI sales
representative.
A.
Silicon revision correlates to the lot trace code found on the second line of the package marking. For more
information, see the TMS320C6474 Digital Signal Processor Silicon Errata (literature number SPRZ283).
B.
BGA = Ball Grid Array
Figure 2-11. TMS320C64x+
™ DSP Device Nomenclature (including TMS320C6474 DSP)
2.9
Documentation Support
The following documents describe the TMS320C6474 multicore digital signal processor. Copies of these
documents are available on the Internet at www.ti.com. Tip: Enter the literature number in the search box
provided at www.ti.com.
SPRU732
TMS320C64x/C64x+ DSP CPU and Instruction Set Reference Guide. Describes the CPU
architecture, pipeline, instruction set, and interrupts for the TMS320C64x and TMS320C64x+
digital signal processors (DSPs) of the TMS320C6000 DSP family. The C64x/C64x+ DSP
generation comprises fixed-point devices in the C6000 DSP platform. The C64x+ DSP is an
enhancement of the C64x DSP with added functionality and an expanded instruction set.
SPRU871
TMS320C64x+ DSP Megamodule Reference Guide. Describes the TMS320C64x+ digital
signal processor (DSP) megamodule. Included is a discussion on the internal direct memory
access (IDMA) controller, the interrupt controller, the power-down controller, memory
protection, bandwidth management, and the memory and cache.
SPRAA84
TMS320C64x to TMS320C64x+ CPU Migration Guide. Describes migrating from the Texas
Instruments TMS320C64x digital signal processor (DSP) to the TMS320C64x+ DSP. The
objective of this document is to indicate differences between the two cores. Functionality in
the devices that is identical is not included.
SPRU889
High-Speed DSP Systems Design Reference Guide. Provides recommendations for
meeting the many challenges of high-speed DSP system design. These recommendations
include information about DSP audio, video, and communications systems for the C5000 and
C6000 DSP platforms.
SPRUG08
TMS320C6474 DSP Ethernet Media Access Controller (EMAC)/ Management Data
Input/Output (MDIO) User's Guide. This document provides a functional description of the
Ethernet Media Access Controller (EMAC) and Physical layer (PHY) device Management
Data Input/Output (MDIO) module integrated with the TMS320C6474 digital signal
42
Device Overview
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com