Electronic Components Datasheet Search
  English  ▼

X  

SPRUG21 Datasheet(PDF) 66 Page - Texas Instruments

Part # SPRUG21
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG21 Datasheet(HTML) 66 Page - Texas Instruments

Back Button SPRUG21 Datasheet HTML 62Page - Texas Instruments SPRUG21 Datasheet HTML 63Page - Texas Instruments SPRUG21 Datasheet HTML 64Page - Texas Instruments SPRUG21 Datasheet HTML 65Page - Texas Instruments SPRUG21 Datasheet HTML 66Page - Texas Instruments SPRUG21 Datasheet HTML 67Page - Texas Instruments SPRUG21 Datasheet HTML 68Page - Texas Instruments SPRUG21 Datasheet HTML 69Page - Texas Instruments SPRUG21 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 214 page
background image
TMS320C6474
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
www.ti.com
Table 5-12. Megamodule Cache Configuration Registers
HEX ADDRESS
ACRONYM
REGISTER NAME
0184 0000
L2CFG
L2 Cache Configuration Register
0184 0004 - 0184 001F
-
Reserved
0184 0020
L1PCFG
L1P Configuration Register
0184 0024
L1PCC
L1P Cache Control Register
0184 0028 - 0184 003F
-
Reserved
0184 0040
L1DCFG
L1D Configuration Register
0184 0044
L1DCC
L1D Cache Control Register
0184 0048 - 0184 0FFF
-
Reserved
0184 1000 - 0184 104F
-
See Table 5-15, CPU Megamodule Bandwidth Management Registers
0184 1050 - 0184 3FFF
-
Reserved
0184 4000
L2WBAR
L2 Writeback Base Address Register - for Block Writebacks
0184 4004
L2WWC
L2 Writeback Word Count Register
0184 4008 - 0184 400C
-
Reserved
0184 4010
L2WIBAR
L2 Writeback and Invalidate Base Address Register - for Block Writebacks
0184 4014
L2WIWC
L2 Writeback and Invalidate Word Count Register
0184 4018
L2IBAR
L2 Invalidate Base Address Register
0184 401C
L2IWC
L2 Invalidate Word Count Register
0184 4020
L1PIBAR
L1P Invalidate Base Address Register
0184 4024
L1PIWC
L1P Invalidate Word Count Register
0184 4030
L1DWIBAR
L1D Writeback and Invalidate Base Address Register
0184 4034
L1DWIWC
L1D Writeback and Invalidate Word Count Register
0184 4038
-
Reserved
0184 4040
L1DWBAR
L1D Writeback Base Address Register - for Block Writebacks
0184 4044
L1DWWC
L1D Writeback Word Count Register
0184 4048
L1DIBAR
L1D Invalidate Base Address Register
0184 404C
L1DIWC
L1D Invalidate Word Count Register
0184 4050 - 0184 4FFF
-
Reserved
0184 5000
L2WB
L2 Global Writeback Register
0184 5004
L2WBINV
L2 Global Writeback and Invalidate Register
0184 5008
L2INV
L2 Global Invalidate Register
0184 500C - 0184 5024
-
Reserved
0184 5028
L1PINV
L1P Global Invalidate Register
0184 502C - 0184 503C
-
Reserved
0184 5040
L1DWB
L1D Global Writeback Register
0184 5044
L1DWBINV
L1D Global Writeback and Invalidate Register
0184 5048
L1DINV
L1D Global Invalidate Register
0184 504C - 0184 5FFF
-
Reserved
0184 6000 - 0184 640F
-
See Table 5-13, Megamodule Error Detection Correct Registers
0184 6400 - 0184 7FFF
-
Reserved
0184 8000 - 0184 803C
-
Reserved
0184 8040
MAR16
Controls the Global L2 Locations 1000 0000 - 10FF FFFF
0184 8044
MAR17
Controls the Global L2 Locations 1100 0000 - 11FF FFFF
0184 8048
MAR18
Controls the Global L2 Locations 1200 0000 - 12FF FFFF
0184 804C - 0184 81FC
-
Reserved
0184 8200
MAR128
Controls DDR2 CE0 Range 8000 0000 - 80FF FFFF
0184 8204
MAR129
Controls DDR2 CE0 Range 8100 0000 - 81FF FFFF
0184 8208
MAR130
Controls DDR2 CE0 Range 8200 0000 - 82FF FFFF
66
C64x+ Megamodule
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com