Electronic Components Datasheet Search
  English  ▼

X  

SPRUG21 Datasheet(PDF) 29 Page - Texas Instruments

Part # SPRUG21
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG21 Datasheet(HTML) 29 Page - Texas Instruments

Back Button SPRUG21 Datasheet HTML 25Page - Texas Instruments SPRUG21 Datasheet HTML 26Page - Texas Instruments SPRUG21 Datasheet HTML 27Page - Texas Instruments SPRUG21 Datasheet HTML 28Page - Texas Instruments SPRUG21 Datasheet HTML 29Page - Texas Instruments SPRUG21 Datasheet HTML 30Page - Texas Instruments SPRUG21 Datasheet HTML 31Page - Texas Instruments SPRUG21 Datasheet HTML 32Page - Texas Instruments SPRUG21 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 214 page
background image
TMS320C6474
www.ti.com
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
Table 2-5. Terminal Functions (continued)
SIGNAL
TYPE(1)
IPD/IPU(2)
SIGNAL DESCRIPTION
NAME
NO.
DDRRCVENIN0
AB25
I
DDRRCVENOUT0
AB24
O/Z
DDR2 EMIF Data Strobe Gate Input/Outputs to help meet DDR Timing
DDRRCVENIN1
E24
I
DDRRCVENOUT1
E25
O/Z
DDR2 EMIF On-Die Termination Outputs used to set termination on the
SDRAMs
The DDR2 ODT control register is found at 0x7000 00F0
DDRODT
K24
O/Z
Bits 1:0 are the ODT status, these bits are Read/Write:
00 - no termination
01- half termination
11 - full termination
DDRSLRATE
AE23
I
DDR2 Slew rate control
VREFSSTL
T26
A
Reference Voltage Input for SSTL18 buffers used by DDR2 EMIF (VDDS18/2)
JTAG EMULATION
TCK
W4
I
IPU
JTAG Clock Input
TDI
V4
I
IPU
JTAG Data Input
TDO
W3
O/Z
JTAG Data Output
TMS
W1
I
IPU
JTAG Test Mode Input
TRST
W2
I
IPD
JTAG Reset
EMU00
R4
I/O/Z
IPU
EMU01
R2
I/O/Z
IPU
EMU02
N3
I/O/Z
IPU
EMU03
N1
I/O/Z
IPU
EMU04
M2
I/O/Z
IPU
EMU05
M1
I/O/Z
IPU
EMU06
N4
I/O/Z
IPU
EMU07
R3
I/O/Z
IPU
EMU08
M4
I/O/Z
IPU
EMU09
N2
I/O/Z
IPU
Emulation and Trace Port
EMU10
R1
I/O/Z
IPU
EMU11
T2
I/O/Z
IPU
EMU12
L3
I/O/Z
IPU
EMU13
P4
I/O/Z
IPU
EMU14
K2
I/O/Z
IPU
EMU15
T1
I/O/Z
IPU
EMU16
P3
I/O/Z
IPU
EMU17
L4
I/O/Z
IPU
EMU18
M3
I/O/Z
IPU
FRAME SYNCHRONIZATION (FSYNC)
FSYNCCLKN
AD8
I
Frame Sync Interface Clock used to drive the frame synchronization interface
(OBSAI RP1 clock)
FSYNCCLKP
AD7
I
SMFRAMECLK
AD4
O/Z
IPD
Frame Sync Clock Output
FRAMEBURSTN
AD10
I
Frame Burst to drive frame indicators to the frame synchronization module
(OBSAI RP1)
FRAMEBURSTP
AD9
I
ALTFSYNCCLK
AF6
I
IPD
Alternate Frame Sync Clock Input (vs FSYNCCLK(N|P)
ALTFSYNCPULSE
AE6
I
IPD
Alternate Frame Sync Input (vs FRAMEBURST (N|P)
TRT
AD3
I
IPD
Multi-standard Frame Synchronization Tick
TRTCLK
AC4
I
IPD
Multi-standard Frame Synchronization Clock
Copyright
© 2008–2011, Texas Instruments Incorporated
Device Overview
29
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com