Electronic Components Datasheet Search
  English  ▼

X  

SPRUG21 Datasheet(PDF) 65 Page - Texas Instruments

Part # SPRUG21
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG21 Datasheet(HTML) 65 Page - Texas Instruments

Back Button SPRUG21 Datasheet HTML 61Page - Texas Instruments SPRUG21 Datasheet HTML 62Page - Texas Instruments SPRUG21 Datasheet HTML 63Page - Texas Instruments SPRUG21 Datasheet HTML 64Page - Texas Instruments SPRUG21 Datasheet HTML 65Page - Texas Instruments SPRUG21 Datasheet HTML 66Page - Texas Instruments SPRUG21 Datasheet HTML 67Page - Texas Instruments SPRUG21 Datasheet HTML 68Page - Texas Instruments SPRUG21 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 214 page
background image
TMS320C6474
www.ti.com
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
Table 5-8. Megamodule Interrupt Registers (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
0180 00F0 - 0180 00FC
-
Reserved
0180 0100
-
Reserved
0180 0104
INTMUX1
Interrupt Multiplexer Register 1
0180 0108
INTMUX2
Interrupt Multiplexer Register 2
0180 010C
INTMUX3
Interrupt Multiplexer Register 3
0180 0110 - 0180 013C
-
Reserved
0180 0140
AEGMUX0
Advanced Event Generator Mux Register 0
0180 0144
AEGMUX1
Advanced Event Generator Mux Register 1
0180 0148 - 0180 017C
-
Reserved
0180 0180
INTXSTAT
Interrupt Exception Status Register
0180 0184
INTXCLER
Interrupt Exception Clear Register
0180 0188
INTDMASK
Dropped Interrupt Mask Register
0180 0188 - 0180 01BC
-
Reserved
0180 01C0
EVTASRT
Event Asserting Register (boot complete register)(1)
0180 01C4 - 0180 FFFF
-
Reserved
(1)
Only bit 4 is used, all other bits are reserved. Bit 4 is write only and has the default 0. After boot is complete, bit 4 is set to 1 and Cores
1 and 2 are released out of reset and start executing their codes.
Table 5-9. Megamodule Power-Down Control Registers
HEX ADDRESS
ACRONYM
REGISTER NAME
0181 0000
PDCCMD
Power-Down Controller Command Register
0181 0004 - 0181 1FFF
-
Reserved
Table 5-10. Megamodule Revision Register
HEX ADDRESS
ACRONYM
REGISTER NAME
0181 2000
MM_REVID
Megamodule Revision ID Register
0181 2004 - 0181 2FFF
-
Reserved
Table 5-11. Megamodule IDMA Registers
HEX ADDRESS
ACRONYM
REGISTER NAME
0182 0000
IDMA0STAT
IDMA Channel 0 Status Register
0182 0004
IDMA0MASK
IDMA Channel 0 Mask Register
0182 0008
IDMA0SCR
IDMA Channel 0 Source Address Register
0182 000C
IDMA0DST
IDMA Channel 0 Destination Address Register
0182 0010
IDMA0CNT
IDMA Channel 0 Count Register
0182 0014 - 0182 00FC
-
Reserved
0182 0100
IDMA1STAT
IDMA Channel 1 Status Register
0182 0104
-
Reserved
0182 0108
IDMA1SRC
IDMA Channel 1 Source Address Register
0182 010C
IDMA1DST
IDMA Channel 1 Destination Address Register
0182 0110
IDMA1CNT
IDMA Channel 1 Count Register
0182 0114 - 0182 017C
-
Reserved
0182 0180
-
Reserved
0182 0184 - 0182 01FC
-
Reserved
Copyright
© 2008–2011, Texas Instruments Incorporated
C64x+ Megamodule
65
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com