Electronic Components Datasheet Search
  English  ▼

X  

SPRUG21 Datasheet(PDF) 62 Page - Texas Instruments

Part # SPRUG21
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG21 Datasheet(HTML) 62 Page - Texas Instruments

Back Button SPRUG21 Datasheet HTML 58Page - Texas Instruments SPRUG21 Datasheet HTML 59Page - Texas Instruments SPRUG21 Datasheet HTML 60Page - Texas Instruments SPRUG21 Datasheet HTML 61Page - Texas Instruments SPRUG21 Datasheet HTML 62Page - Texas Instruments SPRUG21 Datasheet HTML 63Page - Texas Instruments SPRUG21 Datasheet HTML 64Page - Texas Instruments SPRUG21 Datasheet HTML 65Page - Texas Instruments SPRUG21 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 214 page
background image
TMS320C6474
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
www.ti.com
Table 5-3. Available Memory Page Protection Scheme with Privilege ID
PRIVID MODULE
PRIVILEGE MODE
DESCRIPTION
0
Inherited from CPU(1)
C64x+ Megamodule Core 0
1
Inherited from CPU(1)
C64x+ Megamodule Core 1
2
Inherited from CPU(1)
C64x+ Megamodule Core 2
3
User
EMAC
4
User
RapidIO and RapidIO CPPI
(1)
Also applies to EDMA3 transfers that are programmed by the CPU.
Table 5-4. Available Memory Page Protection Scheme with AIDx and Local Bits
AIDx BIT
LOCAL BIT
DESCRIPTION
(x=0,1,2,3,4,5)
0
0
No access to memory page is permitted.
0
1
Only direct access by CPU is permitted
Only accesses by system masters and IDMA are permitted (includes EDMA and IDMA
1
0
accesses initiated by the CPU)
1
1
All accesses permitted
Faults are handled by software in an interrupt (or exception, programmable within each C64x+
Megamodule interrupt controller) service routine. A CPU or DMA access to a page without the proper
permissions will:
•
Block the access - reads return zero, writes are voided.
•
Capture the initiator in a status register - ID, address, and access type are stored.
•
Signal event to CPU interrupt controller.
The software is responsible for taking corrective action to respond to the event and resetting the error
status in the memory controller.
5.4
Bandwidth Management
When multiple requesters contend for a single C64x+ Megamodule resource, the conflict is solved by
granting access to the highest priority requestor. The following four resources are managed by the
Bandwidth Management control hardware:
•
Level 1 Program (L1P) SRAM/Cache
•
Level 1 Data (L1D) SRAM/Cache
•
Level 2 (L2) SRAM/Cache
•
Memory-mapped registers configuration bus
The priority level for operations initiated within the C64x+ Megamodule; e.g., CPU-initiated transfers,
user-programmed cache coherency operations, and IDMA-initiated transfers, are declared through
registers in the C64x+ Megamodule. The priority level for operations initiated outside the C64x+
Megamodule by system peripherals is declared through the Priority Allocation Register (PRI_ALLOC), see
Section 4.4. System peripherals with no fields in PRI_ALLOC have their own registers to program their
priorities.
Table 5-5 shows the default priorities of all masters in the device.
62
C64x+ Megamodule
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com