Electronic Components Datasheet Search
  English  ▼

X  

SPRUG21 Datasheet(PDF) 81 Page - Texas Instruments

Part # SPRUG21
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG21 Datasheet(HTML) 81 Page - Texas Instruments

Back Button SPRUG21 Datasheet HTML 77Page - Texas Instruments SPRUG21 Datasheet HTML 78Page - Texas Instruments SPRUG21 Datasheet HTML 79Page - Texas Instruments SPRUG21 Datasheet HTML 80Page - Texas Instruments SPRUG21 Datasheet HTML 81Page - Texas Instruments SPRUG21 Datasheet HTML 82Page - Texas Instruments SPRUG21 Datasheet HTML 83Page - Texas Instruments SPRUG21 Datasheet HTML 84Page - Texas Instruments SPRUG21 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 214 page
background image
TMS320C6474
www.ti.com
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
7.5.1
EDMA3 Channel Synchronization Events
The EDMA3 supports up to 64 DMA channels that can be used to service system peripherals and to move
data between system memories. DMA channels can be triggered by synchronization events generated by
system peripherals. Table 7-4 lists the source of the synchronization event associated with each of the
DMA channels. The association of each synchronization event and DMA channel is fixed and cannot be
reprogrammed. Additional events are available to the EDMA3 via an external interrupt controller. For more
details on Chip Interrupt Controller 3 (CIC3), see Section 7.6.2.
Table 7-4. EDMA3 Channel Synchronization Events(1)
EVENT CHANNEL
EVENT
EVENT DESCRIPTION
0
TINT0L
Timer Interrupt Low
1
TINT0H
Timer Interrupt High
2
TINT1L
Timer Interrupt Low
3
TINT1H
Timer Interrupt High
4
TINT2L
Timer Interrupt Low
5
TINT2H
Timer Interrupt High
6
CIC3_EVT0
CIC_EVT_o [0] from Chip Interrupt Controller
7
CIC3_EVT1
CIC_EVT_o [1] from Chip Interrupt Controller
8
CIC3_EVT2
CIC_EVT_o [2] from Chip Interrupt Controller
9
CIC3_EVT3
CIC_EVT_o [3] from Chip Interrupt Controller
10
CIC3_EVT4
CIC_EVT_o [4] from Chip Interrupt Controller
11
CIC3_EVT5
CIC_EVT_o [5] from Chip Interrupt Controller
12
XEVT0
McBSP 0 Transmit Event
13
REVT0
McBSP 0 Receive Event
14
XEVT1
McBSP 1 Transmit Event
15
REVT1
McBSP 1Receive Event
16
FSEVT4
Frame Synchronization Event 4
17
FSEVT5
Frame Synchronization Event 5
18
FSEVT6
Frame Synchronization Event 6
19
FSEVT7
Frame Synchronization Event 7
20
FSEVT8
Frame Synchronization Event 8
21
FSEVT9
Frame Synchronization Event 9
22
FSEVT10
Frame Synchronization Event 10
23
FSEVT11
Frame Synchronization Event 11
24
FSEVT12
Frame Synchronization Event 12
25
FSEVT13
Frame Synchronization Event 13
26
CIC3_EVT6
CIC_EVT_o [6] from Chip Interrupt Controller
27
CIC3_EVT7
CIC_EVT_o [7] from Chip Interrupt Controller
28
VCPREVT
VCP Receive Event
29
VCPXEVT
VCP Transmit Event
30
TCPREVT
TCP Receive Event
31
TCPXEVT
TCP Transmit Event
32
SEMINT0
Semaphore Interrupt 0
33
SEMINT1
Semaphore Interrupt 1
34
SEMINT2
Semaphore Interrupt 2
35
-
Reserved
36
AIF_EVT0
AIF CPU Interrupt 0
37
AIF_EVT1
AIF CPU Interrupt 1
(1)
In addition to the events shown in this table, each of the 64 channels can also be synchronized with the manual event set or transfer
completion events.
Copyright
© 2008–2011, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
81
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com