Electronic Components Datasheet Search
  English  ▼

X  

SPRUG21 Datasheet(PDF) 63 Page - Texas Instruments

Part # SPRUG21
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG21 Datasheet(HTML) 63 Page - Texas Instruments

Back Button SPRUG21 Datasheet HTML 59Page - Texas Instruments SPRUG21 Datasheet HTML 60Page - Texas Instruments SPRUG21 Datasheet HTML 61Page - Texas Instruments SPRUG21 Datasheet HTML 62Page - Texas Instruments SPRUG21 Datasheet HTML 63Page - Texas Instruments SPRUG21 Datasheet HTML 64Page - Texas Instruments SPRUG21 Datasheet HTML 65Page - Texas Instruments SPRUG21 Datasheet HTML 66Page - Texas Instruments SPRUG21 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 214 page
background image
TMS320C6474
www.ti.com
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
Table 5-5. C6474 Default Master Priorities
DEFAULT MASTER PRIORITIES
MASTER
(0 = Highest priority,
PRIORITY CONTROL
7 = Lowest priority)
EDMA3TCx
0
QUEPRI.PRIQx (EDMA3 register)
SRIO (Data Access)
0
PER_SET_CNTL.CBA_TRANS_PRI (SRIO
register)
SRIO (Descriptor Access)
1
PRI_ALLOC.SRIO_CPPI
EMAC
1
PRI_ALLOC.EMAC
C64x+ Megamodule (MDMA port)
7
MDMAARBE.PRI (C64x+ Megamodule
register)
C64x+ Megamodule (CPU Arbitration control
1
CPUARBU (C64x+ Megamodule register)
to L2)
C64x+ Megamodule (IDMA channel 1)
0
IDMA1_COUNT (C64x+ Megamodule
register)
5.5
Power-Down Control
The C64x+ Megamodule supports the ability to power-down various parts of the C64x+ Megamodule. The
power-down controller (PDC) of the C64x+ Megamodule can be used to power down L1P, the cache
control hardware, the CPU, and the entire C64x+ Megamodule. These power-down features can be used
to design systems for lower overall system power requirements. Note that the device does not support
power-down modes for the L2 memory at this time.
5.6
Megamodule Resets
Table 5-6 shows the reset types supported on the device and if the resetting affects the Megamodule
globally or just locally.
Table 5-6. Megamodule Reset (Global or Local)
RESET TYPE
GLOBAL RESET
LOCAL RESET
Power-On
Y
Y
Warm
Y
Y
System
Y
Y
CPU
N
Y
5.7
Megamodule Revision
The version and revision of the C64x+ Megamodule can be read from the Megamodule Revision ID
Register (MM_REVID) located at address 0181 2000h. The MM_REVID register is shown in Figure 5-5
and described in Table 5-7. The C64x+ Megamodule revision is dependant on the silicon revision being
used.
Figure 5-5. Megamodule Revision ID Register (MM_REVID) [Hex Address: 0181 2000h]
31
16 15
0
VERSION
REVISION(1)
R-3h
R-n
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
(1)
The C64x+ Megamodule revision is dependent on the silicon revision being used.
Copyright
© 2008–2011, Texas Instruments Incorporated
C64x+ Megamodule
63
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com