Electronic Components Datasheet Search
  English  ▼

X  

SPRUG21 Datasheet(PDF) 50 Page - Texas Instruments

Part # SPRUG21
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG21 Datasheet(HTML) 50 Page - Texas Instruments

Back Button SPRUG21 Datasheet HTML 46Page - Texas Instruments SPRUG21 Datasheet HTML 47Page - Texas Instruments SPRUG21 Datasheet HTML 48Page - Texas Instruments SPRUG21 Datasheet HTML 49Page - Texas Instruments SPRUG21 Datasheet HTML 50Page - Texas Instruments SPRUG21 Datasheet HTML 51Page - Texas Instruments SPRUG21 Datasheet HTML 52Page - Texas Instruments SPRUG21 Datasheet HTML 53Page - Texas Instruments SPRUG21 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 214 page
background image
TMS320C6474
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
www.ti.com
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
SRCC27
SRCC26
SRCC25
SRCC24
SRCC23
SRCC22
SRCC21
SRCC20
SRCC19
SRCC18
SRCC17
SRCC16
SRCC15
SRCC14
SRCC13
SRCC12
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
15
14
13
12
11
10
9
8
7
6
5
4
3
0
SRCC11
SRCC10
SRCC9
SRCC8
SRCC7
SRCC6
SRCC5
SRCC4
SRCC3
SRCC2
SRCC1
SRCC0
Reserved
R/W-
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R-0000
0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Figure 3-4. IPC Acknowledgment Registers (IPCAR0-IPCAR2)
Table 3-6. IPC Acknowledgment Registers (IPCAR0-IPCAR2) Field Descriptions
Bit
Field
Value
Description
31:4
SRCC[27:0]
Write:
0
No effect
1
Clear register bit
Read:
Returns current value of internal register bit
3:0
Reserved
Reserved
3.6
JTAG ID (JTAGID) Register Description
The JTAG ID register is a read-only register that identifies to the customer the JTAG/Device ID. For the
C6474 device, the JTAG ID register resides at address location 0x0288 0814. For the actual register bit
names and their associated bit field descriptions, see Figure 3-5 and Table 3-7.
31
28 27
12 11
1
0
VARIANT
PART NUMBER
MANUFACTURER
LSB
(4-bit)
(16-bit)
(11-bit)
R-n
R-0000 0000 1001 0010b
R-000 0001 0111b
R-1
LEGEND: R = Read only; -n = value after reset
Figure 3-5. JTAG ID (JTAGID) Register
Table 3-7. JTAG ID (JTAGID) Register Field Descriptions
Bit
Field
Value
Description
31:28
VARIANT
Variant (4-Bit) value. The value of this field depends on the silicon revision being used.
Note: the VARIANT filed may be invalid if no CLKIN1 signal is applied.
27:12
PART NUMBER
Part Number (16-Bit) value. C6474 value: 0000 0000 1001 0010b.
11:1
MANUFACTURER
Manufacturer (11-Bit) value. C6474 value: 000 0001 0111b.
0
LSB
LSB value. This bit is read as 1 for C6474.
3.7
Debugging Considerations
It is recommended that external connections be provided to device configuration pins. Although internal
pullup/pulldown resistors exist on these pins, providing external connectivity adds convenience to the user
in debugging and flexibility in switching operating modes.
For the internal pullup/pulldown resistors for all device pins, see Table 2-5.
50
Device Configuration
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com