Electronic Components Datasheet Search
  English  ▼

X  

SPRUG21 Datasheet(PDF) 117 Page - Texas Instruments

Part # SPRUG21
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG21 Datasheet(HTML) 117 Page - Texas Instruments

Back Button SPRUG21 Datasheet HTML 113Page - Texas Instruments SPRUG21 Datasheet HTML 114Page - Texas Instruments SPRUG21 Datasheet HTML 115Page - Texas Instruments SPRUG21 Datasheet HTML 116Page - Texas Instruments SPRUG21 Datasheet HTML 117Page - Texas Instruments SPRUG21 Datasheet HTML 118Page - Texas Instruments SPRUG21 Datasheet HTML 119Page - Texas Instruments SPRUG21 Datasheet HTML 120Page - Texas Instruments SPRUG21 Datasheet HTML 121Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 214 page
background image
..
/1
xM
MainPLL
AIFSERDES0
x12.5,10,4
AIFSERDES1
x12.5,10,4
Main.PLL Controller
..
/2
..
/n
ToL2andL2PDCTL
C64x+Megamodule
Core0
C64x+Megamodule
Core1
C64x+Megamodule
Core2
ToTrace
..
/4
..
/3
..
/6
..
/m
..
/20
Reserved
CHIP_CLK3
CHIP_CLK6
McBSP_CLKS
EMIF_PTV
Toswitchfabric
peripherals,
accelerators
SYS_CLK_(PIN)
ALT_CORE_CLK_(PIN)
CORE_CLK_SEL
AV
DD118
/20
0
1
TMS320C6474
www.ti.com
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
7.8
PLL1 and PLL1 Controller
This section provides a description of the PLL1 controller registers. For details on the operation of the PLL
controller module, see the TMS320C6474 DSP Software-Programmable Phase-Locked Loop (PLL)
Controller User's Guide (literature number SPRUG09).
Note: The PLL1 controller registers can only be accessed using the CPU or the emulator.
Not all of the registers documented in the TMS320C6474 DSP Software-Programmable Phase-Locked
Loop (PLL) Controller User's Guide (literature number SPRUG09) are supported on the C6474 device.
Only those registers documented in this section are supported. Furthermore, only the bits within the
registers described here are supported. You should not write to any reserved memory location or change
the value of reserved bits.
The Main and DDR PLLs are controlled by standard PLL Controller peripherals. The PLL Controllers
manage the clock ratios, alignment, and gating for the system clocks to the chip. Figure 7-10 includes a
block diagram of the PLL Controller, and the two subsequent sections define the clocks and PLL
Controller parameters for each of the two standard PLLs.
The PLL controller logic is responsible for controlling all modes of the PLL through software, in terms
multiply factor within the PLL and post-division for each of the chip-level clocks from the PLL output. The
PLL controller also controls reset propagation through the chip, clock alignment, and test points. The PLL
controller monitors the PLL status and provides an output signal indicating when the PLL is locked.
Figure 7-10. PLL Controller Diagram
Copyright
© 2008–2011, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
117
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com