Electronic Components Datasheet Search
  English  ▼

X  

SPRUG21 Datasheet(PDF) 137 Page - Texas Instruments

Part # SPRUG21
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG21 Datasheet(HTML) 137 Page - Texas Instruments

Back Button SPRUG21 Datasheet HTML 133Page - Texas Instruments SPRUG21 Datasheet HTML 134Page - Texas Instruments SPRUG21 Datasheet HTML 135Page - Texas Instruments SPRUG21 Datasheet HTML 136Page - Texas Instruments SPRUG21 Datasheet HTML 137Page - Texas Instruments SPRUG21 Datasheet HTML 138Page - Texas Instruments SPRUG21 Datasheet HTML 139Page - Texas Instruments SPRUG21 Datasheet HTML 140Page - Texas Instruments SPRUG21 Datasheet HTML 141Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 214 page
background image
TMS320C6474
www.ti.com
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
7.11.2 I2C Peripheral Register Description(s)
The memory map of the I2C is shown in Table 7-39.
Table 7-39. I2C Registers
HEX ADDRESS
ACRONYM
REGISTER NAME
02B0 4000
ICOAR
I2C Own Address Register
02B0 4004
ICIMR
I2C Interrupt Mask/Status Register
02B0 4008
ICSTR
I2C Interrupt Status Register
02B0 400C
ICCLKL
I2C Clock Low-Time Divider Register
02B0 4010
ICCLKH
I2C Clock High-Time Divider Register
02B0 4014
ICCNT
I2C Data Count Register
02B0 4018
ICDRR
I2C Data Receive Register
02B0 401C
ICSAR
I2C Slave Address Register
02B0 4020
ICDXR
I2C Data Transmit Register
02B0 4024
ICMDR
I2C Mode Register
02B0 4028
ICIVR
I2C Interrupt Vector Register
02B0 402C
ICEMDR
I2C Extended Mode Register
02B0 4030
ICPSC
I2C Prescaler Register
02B0 4034
ICPID1
I2C Peripheral Identification Register 1 [Value: 0x0000 0105]
02B0 4038
ICPID2
I2C Peripheral Identification Register 2 [Value: 0x0000 0005]
02B0 403C - 02B0 405C
-
Reserved
02B0 4060 - 02B0 407F
-
Reserved
02B0 4080 - 02B3 FFFF
-
Reserved
Copyright
© 2008–2011, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
137
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com