Electronic Components Datasheet Search
  English  ▼

X  

SPRUG21 Datasheet(PDF) 142 Page - Texas Instruments

Part # SPRUG21
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG21 Datasheet(HTML) 142 Page - Texas Instruments

Back Button SPRUG21 Datasheet HTML 138Page - Texas Instruments SPRUG21 Datasheet HTML 139Page - Texas Instruments SPRUG21 Datasheet HTML 140Page - Texas Instruments SPRUG21 Datasheet HTML 141Page - Texas Instruments SPRUG21 Datasheet HTML 142Page - Texas Instruments SPRUG21 Datasheet HTML 143Page - Texas Instruments SPRUG21 Datasheet HTML 144Page - Texas Instruments SPRUG21 Datasheet HTML 145Page - Texas Instruments SPRUG21 Datasheet HTML 146Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 214 page
background image
TMS320C6474
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
www.ti.com
7.12.3 McBSP Electrical Data/Timing
Table 7-44. Timing Requirements for McBSP(1)
(see Figure 7-28)
NO.
MIN
MAX
UNIT
2
tc(CKRX)
Cycle time, CLKR/X
CLKR/X ext
10P(2)
ns
3
tw(CKRX)
Pulse duration, CLKR/X high or CLKR/X low
CLKR/X ext
0.5t c(CKRX)-1
(2)
ns
5
tsu(FRH-CKRL)
Setup time, external FSR high before CLKR low
CLKR int
9
ns
CLKR ext
1.3
6
th(CKRL-FRH)
Hold time, external FSR high after CLKR low
CLKR int
6
ns
CLKR ext
3
7
tsu(DRV-CKRL)
Setup time, DR valid before CLKR low
CLKR int
8
ns
CLKR ext
0.9
8
th(CKRL-DRV)
Hold time, DR valid after CLKR low
CLKR int
3
ns
CLKR ext
3.1
10
tsu(FXH-CKXL)
Setup time, external FSX high before CLKX low
CLKR int
9
ns
CLKR ext
1.3
11
th(CKXL-FXH)
Hold time, external FSX high after CLKX low
CLKR int
6
ns
CLKR ext
3
(1)
P = 1/CPU Clock in ns.
(2)
This parameter applies to the maximum McBSP frequency. Operate serial clocks (CLKR/X) in the reasonable range of 40/60 duty
cycles.
142
Peripheral Information and Electrical Specifications
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com