Electronic Components Datasheet Search
  English  ▼

X  

SPRUG21 Datasheet(PDF) 149 Page - Texas Instruments

Part # SPRUG21
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG21 Datasheet(HTML) 149 Page - Texas Instruments

Back Button SPRUG21 Datasheet HTML 145Page - Texas Instruments SPRUG21 Datasheet HTML 146Page - Texas Instruments SPRUG21 Datasheet HTML 147Page - Texas Instruments SPRUG21 Datasheet HTML 148Page - Texas Instruments SPRUG21 Datasheet HTML 149Page - Texas Instruments SPRUG21 Datasheet HTML 150Page - Texas Instruments SPRUG21 Datasheet HTML 151Page - Texas Instruments SPRUG21 Datasheet HTML 152Page - Texas Instruments SPRUG21 Datasheet HTML 153Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 214 page
background image
TMS320C6474
www.ti.com
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
7.13 Ethernet MAC (EMAC)
The Ethernet Media Access Controller (EMAC) module provides an efficient interface between the C6474
DSP core processor and the networked community. The EMAC supports 1000BaseT (1000 Mbps) in
full-duplex mode, with hardware flow control and quality-of-service (QOS) support.
The EMAC module conforms to the IEEE 802.3-2002 standard, describing the
“Carrier Sense Multiple
Access with Collision Detection (CSMA/CD) Access Method and Physical Layer
” specifications. The IEEE
802.3 standard has also been adopted by ISO/IEC and re-designated as ISO/IEC 8802-3:2000(E).
Deviation from this standard, the EMAC module does not use the Transmit Coding Error signal MTXER.
Instead of driving the error pin when an underflow condition occurs on a transmitted frame, the EMAC will
intentionally generate an incorrect checksum by inverting the frame CRC, so that the transmitted frame
will be detected as an error by the network.
The EMAC control module is the main interface between the device core processor, the MDIO module,
and the EMAC module. The relationship between these three components is shown in Figure 7-34. The
EMAC control module contains the necessary components to allow the EMAC to make efficient use of
device memory, plus it controls device interrupts. The EMAC control module incorporates 8K-bytes of
internal RAM to hold EMAC buffer descriptors.
Figure 7-34. EMAC, MDIO, and EMAC Control Modules
For more detailed information on the EMAC/MDIO, see the TMS320C6474 DSP EMAC/MDIO Module
Reference Guide (literature number SPRUG08).
7.13.1 EMAC Device-Specific Information
The EMAC module on the device supports Serial Gigabit Media Independent Interface (SGMII). The
SGMII interface conforms to version 1.8 of the industry standard specification.
Copyright
© 2008–2011, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
149
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com