Electronic Components Datasheet Search
  English  ▼

X  

SPRUG21 Datasheet(PDF) 186 Page - Texas Instruments

Part # SPRUG21
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG21 Datasheet(HTML) 186 Page - Texas Instruments

Back Button SPRUG21 Datasheet HTML 182Page - Texas Instruments SPRUG21 Datasheet HTML 183Page - Texas Instruments SPRUG21 Datasheet HTML 184Page - Texas Instruments SPRUG21 Datasheet HTML 185Page - Texas Instruments SPRUG21 Datasheet HTML 186Page - Texas Instruments SPRUG21 Datasheet HTML 187Page - Texas Instruments SPRUG21 Datasheet HTML 188Page - Texas Instruments SPRUG21 Datasheet HTML 189Page - Texas Instruments SPRUG21 Datasheet HTML 190Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 214 page
background image
A
B
C
t
PLH
t
PHL
1
2
3
TMS320C6474
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
www.ti.com
7.20.2 Trace
The C6474 device supports Trace. Trace is a debug technology that provides a detailed, historical
account of application code execution, timing, and data accesses. Trace collects, compresses, and
exports debug information for analysis. Trace works in real-time and does not impact the execution of the
system.
For more information on board design guidelines for Trace Advanced Emulation, see the 60-Pin Emulation
Header Technical Reference (literature number SPRU655).
Table 7-84. Timing Requirements for Trace
(see Figure 7-45)
NO.
PARAMETER
MIN
MAX
UNITS
1
tw(EMUnH)
Pulse duration, EMUn high
3 - 0.6(1)
ns
1
tw(EMUnH) 90%
Pulse duration, EMUn high detected at 90% VOH
1.5
ns
1a
tw(TCKH)
Pulse width time TCK high
8
ns
1b
tw(TCKL)
Pulse width time TCK low
8
ns
2
tw(EMUnL)
Pulse duration, EMUn low
3 - 0.6(1)
ns
2
tw(EMUnL) 10%
Pulse duration, EMUn low detected at 10% VOH
1.5
ns
3
tsko(EMUn)
Output Skew time, time delay difference between EMU pins configured as
-500
500
ps
trace.
4
tskp(EMUn)
Pulse Skew, magnitude of time difference between high-to-low (TPHL) and
600(1)
ps
low-to-high (TPLH) propagation delays.
(1)
This parameter applies to the maximum trace export frequency operating in a 40/60 duty cycle.
Figure 7-45. Trace Timing
186
Peripheral Information and Electrical Specifications
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com