Electronic Components Datasheet Search
  English  ▼

X  

SPRUG21 Datasheet(PDF) 205 Page - Texas Instruments

Part # SPRUG21
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG21 Datasheet(HTML) 205 Page - Texas Instruments

Back Button SPRUG21 Datasheet HTML 201Page - Texas Instruments SPRUG21 Datasheet HTML 202Page - Texas Instruments SPRUG21 Datasheet HTML 203Page - Texas Instruments SPRUG21 Datasheet HTML 204Page - Texas Instruments SPRUG21 Datasheet HTML 205Page - Texas Instruments SPRUG21 Datasheet HTML 206Page - Texas Instruments SPRUG21 Datasheet HTML 207Page - Texas Instruments SPRUG21 Datasheet HTML 208Page - Texas Instruments SPRUG21 Datasheet HTML 209Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 214 page
background image
TMS320C6474
www.ti.com
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
7.23.1 Frame Synchronization (FSYNC) Register Description(s)
Table 7-91. Frame Synchronization (FSYNC) Registers
HEX ADDRESS
ACRONYM
REGISTER NAME
0280 0000
PID
Peripheral Identification Register
0280 00A0
ERR_INT_MASK_1
FSYNC ERR INT MASK 1 Register
0280 00A4
ERR_INT_SET
FSYNC ERR INT SET Register
0280 00A8
ERR_INT_CLEAR
FSYNC ERR INT CLEAR Register
0280 00AC
ERR_END_OF_INT
FSYNC ERR END 0F INT Register
0280 00B0
SCRATCH
FSYNC Scratch Register
0280 00B4
CTL1
FSYNC Control Register 1
0280 00B8
CTL2
FSYNC Control Register 2
0280 00BC
EMUCTL
FSYNC Emulation Control Register
0280 00C0
EMUMASK
FSYNC Emulation Mask Register
0280 00C4
RP1TS
FSYNC RP1 Type Select Register
0280 00C8
UPDATE
FSYNC Update Register
0280 00CC
RP3INIT
FSYNC RP3 Init Register
0280 00D0
SYSINIT
FSYNC System Init Register
0280 0080
ERR_INT_SRC_RAW
FSYNC ERR INT SRC RAW Register
0280 0084
ERR_MASK_STAT_0
FSYNC ERR MASK STATUS 0 Register
0280 0088
ERR_MASK_STAT_1
FSYNC ERR MASK STATUS 1 Register
0280 008C
ERR_SET_MASK_0
FSYNC ERR SET MASK 0 Register
0280 0090
ERR_SET_MASK_1
FSYNC ERR SET MASK 1 Register
0280 0094
ERR_CLEAR_MASK_0
FSYNC ERR CLEAR MASK 0 Register
0280 0098
ERR_CLEAR_MASK_1
FSYNC ERR CLEAR MASK 1 Register
0280 009C
ERR_INT_MASK_0
FSYNC ERR INT MASK 0 Register
0280 0100
RP3TC
FSYNC RP3 Terminal Count Entry
0280 0128
TOD1
FSYNC TOD Capture Register 1
0280 012C
FSYNC_TOD2
FSYNC TOD Capture Register 2
0280 0130
RP31
FSYNC RP3 Capture Register 1
0280 0134
RP32
FSYNC RP3 Capture Register 2
0280 0138
SYS1
FSYNC SYS Capture Register 1
0280 013C
SYS2
FSYNC SYS Capture Register 2
0280 0140
SYSTC_RAM
FSYNC System Terminal Count Entry
0280 0168
SYSTC
FSYNC System Terminal Count Register
0280 016C
RP3TC
FSYNC RP3 Terminal Count Register
0280 0170
TYPE
FSYNC Type Capture Register
0280 0174
TODVAL
FSYNC TOD VAL Register
0280 0178
RP3VAL
FSYNC RP3 VAL Register
0280 017C
SYSVAL
FSYNC System VAL Register
0280 0200
EGMCTRL
FSYNC Mask Event Generator Control Register
0280 0258
EGCCTRL
FSYNC Counter Event Generator Control Register
0280 0280
EGMMASK
FSYNC Mask Event Generator Mask
0280 0300
EGMOFFSET
FSYNC Mask Event Generator Offset Value
0280 0358
EGMCTCOUNT
FSYNC Counter Event Generator Control Register
0280 0380
EVTFORCE
FSYNC Event Force Register
Copyright
© 2008–2011, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
205
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com