Electronic Components Datasheet Search
  English  ▼

X  

LPC4350 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # LPC4350
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4350 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button LPC4350_13 Datasheet HTML 18Page - NXP Semiconductors LPC4350_13 Datasheet HTML 19Page - NXP Semiconductors LPC4350_13 Datasheet HTML 20Page - NXP Semiconductors LPC4350_13 Datasheet HTML 21Page - NXP Semiconductors LPC4350_13 Datasheet HTML 22Page - NXP Semiconductors LPC4350_13 Datasheet HTML 23Page - NXP Semiconductors LPC4350_13 Datasheet HTML 24Page - NXP Semiconductors LPC4350_13 Datasheet HTML 25Page - NXP Semiconductors LPC4350_13 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 153 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 26 March 2013
22 of 153
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
P3_7
C11
C10
D7
176 123
[2]
N;
PU
-
R — Function reserved.
I/O
SPI_MOSI — Master Out Slave In for SPI.
I/O
SSP0_MISO — Master In Slave Out for SSP0.
I/O
SPIFI_MOSI — Input I0 in SPIFI quad mode; SPIFI output
IO0.
I/O
GPIO5[10] — General purpose digital input/output pin.
I/O
SSP0_MOSI — Master Out Slave in for SSP0.
-
R — Function reserved.
-
R — Function reserved.
P3_8
C10
C9
E7
179 124
[2]
N;
PU
-
R — Function reserved.
I
SPI_SSEL — Slave Select for SPI. Note that this pin in an
input pin only. The SPI in master mode cannot drive the
CS input on the slave. Any GPIO pin can be used for SPI
chip select in master mode.
I/O
SSP0_MOSI — Master Out Slave in for SSP0.
I/O
SPIFI_CS — SPIFI serial flash chip select.
I/O
GPIO5[11] — General purpose digital input/output pin.
I/O
SSP0_SSEL — Slave Select for SSP0.
-
R — Function reserved.
-
R — Function reserved.
P4_0
D5
D4
-
1
1
[2]
N;
PU
I/O
GPIO2[0] — General purpose digital input/output pin.
O
MCOA0 — Motor control PWM channel 0, output A.
I
NMI — External interrupt input to NMI.
-
R — Function reserved.
-
R — Function reserved.
O
LCD_VD13 — LCD data.
I/O
U3_UCLK — Serial clock input/output for USART3 in
synchronous mode.
-
R — Function reserved.
Table 3.
Pin description …continued
LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2.
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com