Electronic Components Datasheet Search
  English  ▼

X  

LPC4350 Datasheet(PDF) 87 Page - NXP Semiconductors

Part # LPC4350
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4350 Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button LPC4350_13 Datasheet HTML 83Page - NXP Semiconductors LPC4350_13 Datasheet HTML 84Page - NXP Semiconductors LPC4350_13 Datasheet HTML 85Page - NXP Semiconductors LPC4350_13 Datasheet HTML 86Page - NXP Semiconductors LPC4350_13 Datasheet HTML 87Page - NXP Semiconductors LPC4350_13 Datasheet HTML 88Page - NXP Semiconductors LPC4350_13 Datasheet HTML 89Page - NXP Semiconductors LPC4350_13 Datasheet HTML 90Page - NXP Semiconductors LPC4350_13 Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 153 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 26 March 2013
87 of 153
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
8.
Limiting values
[1]
The following applies to the limiting values:
a) This product includes circuitry designed for the protection of its internal devices from the damaging effects of excessive static
charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying greater than the rated maximum.
b) Parameters are valid over operating temperature range unless otherwise specified. All voltages are with respect to VSS unless
otherwise noted.
[2]
Including voltage on outputs in 3-state mode.
[3]
The peak current is limited to 25 times the corresponding maximum current.
[4]
Dependent on package type.
[5]
Human body model: equivalent to discharging a 100 pF capacitor through a 1.5 k
 series resistor.
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).[1]
Symbol
Parameter
Conditions
Min
Max
Unit
VDD(REG)(3V3)
regulator supply voltage
(3.3 V)
on pin VDDREG
0.5
3.6
V
VDD(IO)
input/output supply
voltage
on pin VDDIO
0.5
3.6
V
VDDA(3V3)
analog supply voltage
(3.3 V)
on pin VDDA
0.5
3.6
V
VBAT
battery supply voltage
on pin VBAT
0.5
3.6
V
Vprog(pf)
polyfuse programming
voltage
on pin VPP
0.5
3.6
V
VI
input voltage
only valid when VDD(IO)  2.2 V
5 V tolerant I/O pins
[2]
0.5
5.5
V
ADC/DAC pins and digital I/O
pins configured for an analog
function
0.5
VDDA(3V3)
V
USB0 pins USB0_DP;
USB0_DM;USB0_VBUS
0.3
5.25
V
USB0 pins USB0_ID;
USB0_RREF
0.3
3.6
V
USB1 pins USB1_DP and
USB1_DM
0.3
5.25
V
IDD
supply current
per supply pin
[3] -
100
mA
ISS
ground current
per ground pin
[3] -
100
mA
Ilatch
I/O latch-up current
(0.5V
DD(IO)) < VI < (1.5VDD(IO));
Tj < 125 C
-
100
mA
Tstg
storage temperature
[4]
65
+150
C
Ptot(pack)
total power dissipation
(per package)
based on package heat transfer,
not device power consumption
-1.5
W
VESD
electrostatic discharge
voltage
human body model; all pins
[5]
2000
+2000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com